Electronic Components Datasheet Search
  English  ▼

X  

HD64F2138 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD64F2138
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2138 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD64F2138 Datasheet HTML 9Page - Renesas Technology Corp HD64F2138 Datasheet HTML 10Page - Renesas Technology Corp HD64F2138 Datasheet HTML 11Page - Renesas Technology Corp HD64F2138 Datasheet HTML 12Page - Renesas Technology Corp HD64F2138 Datasheet HTML 13Page - Renesas Technology Corp HD64F2138 Datasheet HTML 14Page - Renesas Technology Corp HD64F2138 Datasheet HTML 15Page - Renesas Technology Corp HD64F2138 Datasheet HTML 16Page - Renesas Technology Corp HD64F2138 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page xiii of liv
Item
Page
Revision (See Manual for Details)
797
Table 25.49 amended
Item
Symbol
Min
Typ
Max
Unit
Test
Condition
Reprogramming count
N
WEC
100*
8
10000*
9
—
Times
Data retention time*
10
t
DRP
10
—
—
Years
25.5.6 Flash Memory
Characteristics
Table 25.49 Flash
Memory Characteristics
(Programming/Erasing
Operating Range)
798
Notes 8 to 10 added
Notes: 8. Minimum number of times for which all
characteristics are guaranteed after rewriting (Guarantee
range is 1 to minimum value).
9. Reference value for 25C
° (as a guide line, rewriting should
normally function up to this value).
10. Data retention characteristics when rewriting is performed
within the specification range, including the minimum value.
B.3 Function
906
SYSCR2 H'FF83 HIF
Figure amended
7
KWUL1
0
R/W
6
KWUL0
0
R/W
5
P6PUE
0
R/W
4
—
0
—
3
SDE
0
R/W
0
HI12E
0
R/W
2
CS4E
0
R/W
1
CS3E
0
R/W
Bit
Initial value
Read/Write
Host interface enable
0
Host interface function
disabled
1
Host interface function
enabled
CS3 enable
0
Host interface pin channel 3
functions disabled
1
Host interface pin channel 3
functions enabled
CS4 enable
0
Host interface pin channel 4
functions disabled
1
Host interface pin channel 4
functions enabled
907
EBR1, 2 H'FF82, H'FF83 Flash memory
Note
*2 amended
Note: 2. Bits EB8 and EB9 are not present in the 64-kbyte
versions; these bits cannot be modified and are always read
as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com