Electronic Components Datasheet Search
  English  ▼

X  

HD64F2134AV Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD64F2134AV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2134AV Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD64F2134AV Datasheet HTML 73Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 74Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 75Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 76Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 77Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 78Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 79Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 80Page - Renesas Technology Corp HD64F2134AV Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 23 of 1004
REJ09B0301-0400
Pin No.
Type
Symbol
FP-80A
TFP-80C
I/O
Name and Function
I/O ports
P17 to
P10
57 to 64
Input/
output
Port 1: Eight input/output pins. The data direction of
each pin can be selected in the port 1 data direction
register (P1DDR). These pins have on-chip MOS
input pull-ups, and also have LED drive capability.
P27 to
P20
48 to 55
Input/
output
Port 2: Eight input/output pins. The data direction of
each pin can be selected in the port 2 data direction
register (P2DDR). These pins have on-chip MOS
input pull-ups, and also have LED drive capability.
P37 to
P30
72 to 65
Input/
output
Port 3: Eight input/output pins. The data direction of
each pin can be selected in the port 3 data direction
register (P3DDR). These pins have on-chip MOS
input pull-ups, and also have LED drive capability.
P47 to
P40
46 to 39
Input/
output
Port 4: Eight input/output pins. The data direction of
each pin can be selected in the port 4 data direction
register (P4DDR).
P52 to
P50
9 to 11
Input/
output
Port 5: Three input/output pins. The data direction
of each pin can be selected in the port 5 data
direction register (P5DDR). P52 is an NMOS push-
pull output in the H8S/2138 Group and is a CMOS
output in the H8S/2134 Group.
P67 to
P60
28 to 21
Input/
output
Port 6: Eight input/output pins. The data direction of
each pin can be selected in the port 6 data direction
register (P6DDR). These pins have on-chip MOS
input pull-ups.
P77 to
P70
37 to 30
Input
Port 7: Eight input pins.
P86 to
P80
80 to 74
Input/
output
Port 8: Seven input/output pins. The data direction
of each pin can be selected in the port 8 data
direction register (P8DDR).
P97 to
P90
13 to 20
Input/
output
Port 9: Eight input/output pins. The data direction of
each pin (except P96) can be selected in the port 9
data direction register (P9DDR). P97 is an NMOS
push-pull output in the H8S/2138 Group and is a
CMOS output in the H8S/2134 Group.
Note:
*
In F-ZTAT and mask ROM versions of HD64F2138A, HD64F2134A, HD6432138S,
HD6432138SW HD6432137S, HD6432137SW, HD6432134S, and HD6432133S,
VCC2 pin (8 pin) is the VCL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com