Electronic Components Datasheet Search
  English  ▼

X  

HD64F2144AV Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD64F2144AV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2144AV Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD64F2144AV Datasheet HTML 19Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 20Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 21Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 22Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 23Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 24Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 25Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 26Page - Renesas Technology Corp HD64F2144AV Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xxiii of xliv
Item
Page
Revision (See Manual for Details)
B.3 Functions
1025
EBR1
H'FF82 Flash Memory
EBR2
H'FF83 Flash Memory
Figure amended
Read/Write description of bits 7 to 2 (Before)
*2 → (After) 
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
EB8/—*2
0
R/W*1*2
2
—
0
—
1
EB9/—*2
0
R/W*1*2
Bit
EBR1
Initial value
Read/Write
7
EB7
0
R/W*1
6
EB6
0
R/W
5
EB5
0
R/W
4
EB4
0
R/W
3
EB3
0
R/W
0
EB0
0
R/W
2
EB2
0
R/W
1
EB1
0
R/W
Bit
EBR2
Initial value
Read/Write
1030
ICCR1
H'FF88 IIC1
ICCR0
H'FFD8 IIC0
Figure amended
I2C bus interface enable
0
I2C bus interface module disabled, with
SCL and SDA signal pins set to port
function
SAR and SARX can be accessed
1I2C bus interface module enabled for
transfer operations (pins SCL and SDA
are driving the bus)
ICMR and ICDR can be accessed
1059
SYSCR
H'FFC4 System
Figure amended
IOS enable
Note: * In the H8S/2148 F-ZTAT A-mask version and H8S/2147 F-ZTAT A-mask version,
the address range is from H'(FF)F000 to H'(FF)F7FF.
0
The
AS/IOS pin functions as the address strobe pin
(Low output when accessing an external area)
1
The
AS/IOS pin functions as the I/O strobe pin
(Low output when accessing a specified address from H'(FF)F000 to H'(FF)FE4F)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com