Electronic Components Datasheet Search
  English  ▼

X  

HD64F2142R Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD64F2142R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2142R Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD64F2142R Datasheet HTML 69Page - Renesas Technology Corp HD64F2142R Datasheet HTML 70Page - Renesas Technology Corp HD64F2142R Datasheet HTML 71Page - Renesas Technology Corp HD64F2142R Datasheet HTML 72Page - Renesas Technology Corp HD64F2142R Datasheet HTML 73Page - Renesas Technology Corp HD64F2142R Datasheet HTML 74Page - Renesas Technology Corp HD64F2142R Datasheet HTML 75Page - Renesas Technology Corp HD64F2142R Datasheet HTML 76Page - Renesas Technology Corp HD64F2142R Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 29 of 1130
REJ09B0327-0400
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
TMO0
TMO1
TMOX
50
53
35
Output Compare-match output: TMR0, TMR1, and TMRX
compare-match output pins.
8-bit timer
(TMR0,
TMR1,
TMRX,
TMRY)
TMCI0
TMCI1
49
52
Input
Counter external clock input: Input pins for the
external clock input to the TMR0 and TMR1
counters.
TMRI0
TMRI1
51
54
Input
Counter external reset input: TMR0 and TMR1
counter reset input pins.
TMIX
TMIY
26
28
Input
Counter external clock input and reset input:
Dual function as TMRX and TMRY counter clock
input pin and reset input pin.
PWM timer
(PWM)
PW15 to
PW0
60 to 67,
72 to 79
Output PWM timer output: PWM timer pulse output pins.
14-bit PWM
timer
(PWMX)
PWX0
PWX1
55
56
Output PWMX timer output: PWM D/A pulse output pins.
TxD0
TxD1
TxD2
14
97
49
Output Transmit data: Data output pins.
Serial com-
munication
interface
(SCI0, SCI1,
SCI2)
RxD0
RxD1
RxD2
13
98
50
Input
Receive data: Data input pins.
SCK0
SCK1
SCK2
12
99
51
Input/
output
Serial clock: Clock input/output pins.
The SCK0 output type is NMOS push-pull in the
H8S/2148 Group and H8S/2147N, and is CMOS
output in the H8S/2144 Group.
SCI with
IrDA (SCI2)
IrTxD
IrRxD
49
50
Output
Input
IrDA transmit data/receive data: Input and output
pins for data encoded for IrDA use.
PS2AC
PS2BC
PS2CC
31
21
11
Input/
output
PS2 clock: Keyboard buffer controller
synchronization clock input/output pins.
Keyboard
Buffer
controller
(PS2)
PS2AD
PS2BD
PS2CD
30
20
10
Input/
output
PS2 data: Keyboard buffer controller data
input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com