Electronic Components Datasheet Search
  English  ▼

X  

H838076R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H838076R
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838076R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H838076R Datasheet HTML 9Page - Renesas Technology Corp H838076R Datasheet HTML 10Page - Renesas Technology Corp H838076R Datasheet HTML 11Page - Renesas Technology Corp H838076R Datasheet HTML 12Page - Renesas Technology Corp H838076R Datasheet HTML 13Page - Renesas Technology Corp H838076R Datasheet HTML 14Page - Renesas Technology Corp H838076R Datasheet HTML 15Page - Renesas Technology Corp H838076R Datasheet HTML 16Page - Renesas Technology Corp H838076R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xiii of lxxii
Item
Page
Revision (See Manual for Details)
4.6.1 Interrupt
Exception Handling
Sequence
Figure 4.3 Interrupt
Exception Handling
Sequence
91
Figure amended
(Before) Address bus
→ (After) Internal address bus
(Before)
RD → (After) Internal read signal
(Before)
HWR, LWR → (After) Internal write signal
(Before) D
15 to D0 → (After) Internal data bus
4.6.2 Interrupt
Response Times
Table 4.4 Interrupt
Response Times
(States)
92
Table amended
No.
Execution Status
Number of States
1
Interrupt mask level determination
1 or 2*
1
Note 1 amended
1. One state for internal interrupts and two states for external
interrupts.
4.7.2 Instructions that
Disable Interrupts
94
Description amended
When an interrupt request is generated, an interrupt is request is
sent to the CPU after the interrupt controller has determined the
mask level.
Section 5 Clock
Pulse Generators
Figure 5.1 Block
Diagram of Clock
Pulse Generators
(Masked ROM
Version) (2)
96
Figure amended
System
clock
oscillator
on-chip
oscillator
OSC1
IRQAEC
ROSC
*
OSC2
φOSC
(fOSC)
5.2 System Clock
Generator
Figure 5.2 Typical
Connection to Crystal
Resonator
99
Figure amended
Frequency
Manufacturer
4.19 MHz
Kyocera Kinseki
Corporation
Product Type
HC-491U-S
C
1, C2
Recommendation Value
22 pF ±20%
5.2.4 On-Chip
Oscillator Selection
Method (Supported
only by the Masked
ROM Version)
100
Description amended
... The setting takes effect when the rest is cleared. When the on-
chip oscillator is selected, ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com