Electronic Components Datasheet Search
  English  ▼

X  

HD6412322R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD6412322R
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6412322R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD6412322R Datasheet HTML 5Page - Renesas Technology Corp HD6412322R Datasheet HTML 6Page - Renesas Technology Corp HD6412322R Datasheet HTML 7Page - Renesas Technology Corp HD6412322R Datasheet HTML 8Page - Renesas Technology Corp HD6412322R Datasheet HTML 9Page - Renesas Technology Corp HD6412322R Datasheet HTML 10Page - Renesas Technology Corp HD6412322R Datasheet HTML 11Page - Renesas Technology Corp HD6412322R Datasheet HTML 12Page - Renesas Technology Corp HD6412322R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1302 page
background image
Rev.6.00 Sep. 27, 2007 Page ix of xxx
REJ09B0220-0600
Item
Page
Revision (See Manual for Details)
14.2.8 Bit Rate
Register (BRR)
Table 14.3 BRR
Settings for Various Bit
Rates (Asynchronous
Mode)
618
Table amended
φ = 25 MHz
Bit Rate
(bits/s)
n
N
Error
(%)
110
3
110
–0.02
150
3
80
0.47
300
2
162
–0.15
600
2
80
0.47
1200
1
162
–0.15
2400
1
80
0.47
4800
0
162
–0.15
9600
0
80
0.47
19200
0
40
–0.76
31250
0
24
1.00
38400
0
19
1.73
19.4.1 Features
740
Description amended
The flash memory can be reprogrammed minimum 100 times.
19.13.1 Features
791
Description amended
The flash memory can be reprogrammed minimum 100 times.
19.22.1 Features
849
Description amended
The flash memory can be reprogrammed minimum 100 times.
22.2.6 Flash Memory
Characteristics
Table 22.22 Flash
Memory Characteristics
977
Table amended
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
Programming time*
1 *2 *4
tP
—
10
200
ms/
128 bytes
Erase time*
1 *3 *6
tE
—
50
1000
ms/block
Rewrite times
NWEC
100*
7
10000*
8 —
Times
Data hold time
tDRP*
9
10
—
—
year
Programming Wait time after SWE bit setting*
1
x
1
—
—
s
Wait time after PSU bit setting*
1
y
50
—
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com