Electronic Components Datasheet Search
  English  ▼

X  

M32C86 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M32C86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C86 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M32C86 Datasheet HTML 26Page - Renesas Technology Corp M32C86 Datasheet HTML 27Page - Renesas Technology Corp M32C86 Datasheet HTML 28Page - Renesas Technology Corp M32C86 Datasheet HTML 29Page - Renesas Technology Corp M32C86 Datasheet HTML 30Page - Renesas Technology Corp M32C86 Datasheet HTML 31Page - Renesas Technology Corp M32C86 Datasheet HTML 32Page - Renesas Technology Corp M32C86 Datasheet HTML 33Page - Renesas Technology Corp M32C86 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 505 page
background image
Page 7
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
VSS
VCC
VCC
VSS
VCC
VSS
P136
P135
P134
P57
P56
P55
P54
P133
P132
P131
P130
P53
P52
P51
P50
P127
P126
P125
P47
P46
P45
P44
P43
P42
P41
P40
P37
P36
P35
P34
P33
P32
P31
P124
P123
P122
P121
P120
P30
P27
P26
P25
Timer Pin
UART/CAN Pin
AN27
AN26
AN25
RDY
ALE
HOLD
HLDA/ALE
CLKOUT/BCLK/ALE
RD
WRH/BHE
WRL/WR
CS0/A23
CS1/A22
CS2/A21
CS3/A20
A19
A18
A17
A16
A15(/D15)
A14(/D14)
A13(/D13)
A12(/D12)
A11(/D11)
A10(/D10)
A9(/D9)
A8(/D8)
A7(/D7)
A6(/D6)
A5(/D5)
Intelligent I/O Pin
Bus Control Pin(1)
Analog Pin
Interrupt
Pin
Pin
No.
Control
Pin
Port
NOTES:
1. Bus control pins in M32C/86T cannot be used.
GACP3
GASM3
GASP3
GACM2
GACP2
GASM2
GASP2
GACM1
GACP1
GASM1
GASP1
GACM0
GACP0
GASM0
GASP0
Table 1.3 Pin Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com