| Electronic Components Datasheet Search |
|
HD6433044 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6433044 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 905 page ![]() Section 2 CPU Rev. 7.00 Sep 21, 2005 page 25 of 878 REJ09B0259-0700 Section 2 CPU 2.1 Overview The H8/300H CPU is a high-speed central processing unit with an internal 32-bit architecture that is upward-compatible with the H8/300 CPU. The H8/300H CPU has sixteen 16-bit general registers, can address a 16-Mbyte linear address space, and is ideal for realtime control. 2.1.1 Features The H8/300H CPU has the following features. Upward compatibility with H8/300 CPU Can execute H8/300 Series object programs General-register architecture Sixteen 16-bit general registers (also usable as sixteen 8-bit registers or eight 32-bit registers) Sixty-two basic instructions 8/16/32-bit data transfer and arithmetic and logic instructions Multiply and divide instructions Powerful bit-manipulation instructions Eight addressing modes Register direct [Rn] Register indirect [@ERn] Register indirect with displacement [@(d:16, ERn) or @(d:24, ERn)] Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn] Absolute address [@aa:8, @aa:16, or @aa:24] Immediate [#xx:8, #xx:16, or #xx:32] Program-counter relative [@(d:8, PC) or @(d:16, PC)] Memory indirect [@@aa:8] 16-Mbyte linear address space High-speed operation All frequently-used instructions execute in two to four states Maximum clock frequency: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |