| Electronic Components Datasheet Search |
|
HD6433045F Datasheet(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6433045F Datasheet(HTML) 73 Page - Renesas Technology Corp |
|
73 / 905 page ![]() Section 2 CPU Rev. 7.00 Sep 21, 2005 page 49 of 878 REJ09B0259-0700 P45 to P40 are set as output pins, and are in the low-level output state. In this example, the BCLR instruction is used to make P40 an input port. Before Execution of BCLR Instruction P47 P46 P45 P44 P43 P42 P41 P40 Input/output Input Input Output Output Output Output Output Output DDR 00 111 111 DR 10 000 000 Execution of BCLR Instruction BCLR #0, @P4DDR ; Execute BCLR instruction on DDR After Execution of BCLR Instruction P47 P46 P45 P44 P43 P42 P41 P40 Input/output Output Output Output Output Output Output Output Input DDR 1 1 111 11 0 DR 10 000 000 Explanation of BCLR Instruction To execute the BCLR instruction, the CPU begins by reading P4DDR. Since P4DDR is a write- only register, it is read as H'FF, even though its true value is H'3F. Next the CPU clears bit 0 of the read data, changing the value to H'FE. Finally, the CPU writes this value (H'FE) back to DDR to complete the BCLR instruction. As a result, P40DDR is cleared to 0, making P40 an input pin. In addition, P47DDR and P46DDR are set to 1, making P47 and P46 output pins. The BCLR instruction can be used to clear flags in the internal I/O registers to 0. In an interrupt- handling routine, for example, if it is known that the flag is set to 1, it is not necessary to read the flag ahead of time. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |