Electronic Components Datasheet Search
  English  ▼

X  

H83397 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # H83397
Description  Single-Chip Microcomputer
PDF  747 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83397 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button H83397 Datasheet HTML 45Page - Renesas Technology Corp H83397 Datasheet HTML 46Page - Renesas Technology Corp H83397 Datasheet HTML 47Page - Renesas Technology Corp H83397 Datasheet HTML 48Page - Renesas Technology Corp H83397 Datasheet HTML 49Page - Renesas Technology Corp H83397 Datasheet HTML 50Page - Renesas Technology Corp H83397 Datasheet HTML 51Page - Renesas Technology Corp H83397 Datasheet HTML 52Page - Renesas Technology Corp H83397 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 747 page
background image
19
Pin Functions: Table 1.3 gives a concise description of the function of each pin.
Table 1.3
Pin Functions
Pin No.
Type
Symbol
FP-80A,
TFP-80C
CP-84,
CG-84
I/O
Name and Function
Power
V
CC
8, 47
19, 60
I
Power: Connected to the power
supply.
Connect both V
CC pins to the system
power supply.
V
SS
12, 56,
73
2, 4, 23,
24, 41,
64, 70
I
Ground: Connected to ground (0 V).
Connect all V
SS pins to system ground
(0 V).
Clock
XTAL
2
13
I
Crystal: Connected to a crystal
oscillator. The crystal frequency should
be the same as the desired system
clock frequency. If an external clock is
input at the EXTAL pin, a reverse-
phase clock should be input at the
XTAL pin.
EXTAL
3
14
I
External crystal: Connected to a
crystal oscillator or external clock. The
frequency of the external clock should
be the same as the desired system
clock frequency. See section 6.2,
Oscillator Circuit, for examples of
connections to a crystal and external
clock.
ø
14
26
O
System clock: Supplies the system
clock to peripheral devices.
System control
RES
112
I
Reset: A low input causes the chip to
reset.
STBY
718
I
Standby: A transition to the hardware
standby mode (a power-down state)
occurs when a low input is received at
the
STBY pin.
Address bus
A
15 to A 0
48 to 55,
57 to 64
61 to 63,
65 to 69,
71 to 78
O
Address bus: Address output pins.
Data bus
D
7 to D0
72 to 65
3, 1,
84 to 79
I/O
Data bus: 8-bit bidirectional data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com