Electronic Components Datasheet Search
  English  ▼

X  

H83066 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H83066
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83066 Datasheet(HTML) 3 Page - Renesas Technology Corp

  H83066 Datasheet HTML 1Page - Renesas Technology Corp H83066 Datasheet HTML 2Page - Renesas Technology Corp H83066 Datasheet HTML 3Page - Renesas Technology Corp H83066 Datasheet HTML 4Page - Renesas Technology Corp H83066 Datasheet HTML 5Page - Renesas Technology Corp H83066 Datasheet HTML 6Page - Renesas Technology Corp H83066 Datasheet HTML 7Page - Renesas Technology Corp H83066 Datasheet HTML 8Page - Renesas Technology Corp H83066 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 963 page
background image
Rev. 4.00 Jan 26, 2006 page iii of xxii
Preface
The H8/3067 Group is a series of high-performance single-chip microcontrollers that integrate
system supporting functions together with an H8/300H CPU core.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space.
The on-chip supporting functions include ROM, RAM, 16-bit timers, 8-bit timers, a
programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication
interface (SCI), an A/D converter, a D/A converter, I/O ports, a DMA controller (DMAC), and
other facilities. The three-channel SCI has been expanded to support the ISO/IEC7816-3 smart
card interface. Functions have also been added to reduce power consumption in battery-powered
applications: individual modules can be placed in standby, and the frequency of the system clock
supplied to the chip can be divided down under software control.
The address space is divided into eight areas. The data bus width and access cycle length can be
selected independently in each area, simplifying the connection of different types of memory.
Seven MCU operating modes (modes 1 to 7) are provided, offering a choice of data bus width and
address space size.
With these features, the H8/3067 Group offers easy implementation of compact, high-performance
systems.
In addition to its mask ROM versions, the H8/3067 Group has an F-ZTAT™* version with on-
chip flash memory that can be programmed on-board. This version enables users to respond
quickly and flexibly to changing application specifications.
This manual describes the H8/3067 Group hardware. For details of the instruction set, refer to the
H8/300H Series Programming Manual.
Note: * F-ZTAT™ (Flexible ZTAT) is a registered trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com