Electronic Components Datasheet Search
  English  ▼

X  

HD6473644 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD6473644
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473644 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD6473644 Datasheet HTML 17Page - Renesas Technology Corp HD6473644 Datasheet HTML 18Page - Renesas Technology Corp HD6473644 Datasheet HTML 19Page - Renesas Technology Corp HD6473644 Datasheet HTML 20Page - Renesas Technology Corp HD6473644 Datasheet HTML 21Page - Renesas Technology Corp HD6473644 Datasheet HTML 22Page - Renesas Technology Corp HD6473644 Datasheet HTML 23Page - Renesas Technology Corp HD6473644 Datasheet HTML 24Page - Renesas Technology Corp HD6473644 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 549 page
background image
Section 1 Overview
Rev. 6.00 Sep 12, 2006 page 1 of 526
REJ09B0326-0600
Section 1 Overview
1.1
Overview
The H8/300L Series is a series of single-chip microcomputers (MCU: microcomputer unit), built
around the high-speed H8/300L CPU and equipped with peripheral system functions on-chip.
Within the H8/300L Series, the H8/3644 Group of microcomputers are equipped with a UART
(Universal Asynchronous Receiver/Transmitter). Other on-chip peripheral functions include five
timers, a 14-bit pulse width modulator (PWM), two serial communication interface channels, and
an A/D converter, providing an ideal configuration as a microcomputer for embedding in high-
level control systems. In addition to the mask ROM version, the H8/3644 is also available in a
ZTAT™*1 version with on-chip user-programmable PROM, and an F-ZTAT™*2 version with on-
chip flash memory that can be programmed on-board. Table 1 summarizes the features of the
H8/3644 Group.
Notes: 1. ZTAT is a trademark of Renesas Technology Corp.
2. F-ZTAT is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com