Electronic Components Datasheet Search
  English  ▼

X  

HD6433644 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD6433644
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433644 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD6433644 Datasheet HTML 35Page - Renesas Technology Corp HD6433644 Datasheet HTML 36Page - Renesas Technology Corp HD6433644 Datasheet HTML 37Page - Renesas Technology Corp HD6433644 Datasheet HTML 38Page - Renesas Technology Corp HD6433644 Datasheet HTML 39Page - Renesas Technology Corp HD6433644 Datasheet HTML 40Page - Renesas Technology Corp HD6433644 Datasheet HTML 41Page - Renesas Technology Corp HD6433644 Datasheet HTML 42Page - Renesas Technology Corp HD6433644 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 549 page
background image
Section 2 CPU
Rev. 6.00 Sep 12, 2006 page 19 of 526
REJ09B0326-0600
Condition Code Register (CCR): This 8-bit register contains internal status information,
including the interrupt mask bit (I) and half-carry (H), negative (N), zero (Z), overflow (V), and
carry (C) flags. These bits can be read and written by software (using the LDC, STC, ANDC,
ORC, and XORC instructions). The N, Z, V, and C flags are used as branching conditions for
conditional branching (Bcc) instructions.
Bit 7
Interrupt Mask Bit (I): When this bit is set to 1, interrupts are masked. This bit is set to 1
automatically at the start of exception handling. The interrupt mask bit may be read and written by
software. For further details, see section 3.3, Interrupts.
Bit 6
User Bit (U): Can be used freely by the user.
Bit 5
Half-Carry Flag (H): When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B, or NEG.B
instruction is executed, this flag is set to 1 if there is a carry or borrow at bit 3, and is cleared to 0
otherwise.
The H flag is used implicitly by the DAA and DAS instructions.
When the ADD.W, SUB.W, or CMP.W instruction is executed, the H flag is set to 1 if there is a
carry or borrow at bit 11, and is cleared to 0 otherwise.
Bit 4
User Bit (U): Can be used freely by the user.
Bit 3VNegative Flag (N): Indicates the most significant bit (sign bit) of the result of an
instruction.
Bit 2
Zero Flag (Z): Set to 1 to indicate a zero result, and cleared to 0 to indicate a non-zero
result.
Bit 1
Overflow Flag (V): Set to 1 when an arithmetic overflow occurs, and cleared to 0 at other
times.
Bit 0
Carry Flag (C): Set to 1 when a carry occurs, and cleared to 0 otherwise. Used by:
• Add instructions, to indicate a carry
• Subtract instructions, to indicate a borrow
• Shift/rotate carry
The carry flag is also used as a bit accumulator by bit manipulation instructions.
Some instructions leave some or all of the flag bits unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com