Electronic Components Datasheet Search
  English  ▼

X  

HD6433394F Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD6433394F
Description  Single-Chip Microcomputer
PDF  747 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433394F Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD6433394F Datasheet HTML 9Page - Renesas Technology Corp HD6433394F Datasheet HTML 10Page - Renesas Technology Corp HD6433394F Datasheet HTML 11Page - Renesas Technology Corp HD6433394F Datasheet HTML 12Page - Renesas Technology Corp HD6433394F Datasheet HTML 13Page - Renesas Technology Corp HD6433394F Datasheet HTML 14Page - Renesas Technology Corp HD6433394F Datasheet HTML 15Page - Renesas Technology Corp HD6433394F Datasheet HTML 16Page - Renesas Technology Corp HD6433394F Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 747 page
background image
Item
Dual-Power-Supply Model:
H8/3337F
Single-Power-Supply Model:
H8/3337F S-Mask Model
MDCR
76
32
1
MDS1
0
MDS0
5
—
—
—
4
——
—
76
32
1
MDS1
0
MDS0
5
—
—
EXPE
4
——
—
Bit 7: Expanded mode enable (EXPE)
WSCR
76
32
1
WC1
0
WC0
5
RAMS RAM0 CKDBL
4
—
WMS1WMS0
76
32
1
WC1
0
WC0
5
CKDBL
4
FLSHE
——
WMS1 WMS0
Bit 4: Flash memory control register
enable (FLSHE)
FLMCR1
7
VPP
63
EV
2
PV
1
E
0
P
5
—
—
4
—
7
FWE
SWE
63
EV
2
PV
1
E
0
P
5
—
4
—
Bit 7: Flash write enable (FWE)
Bit 6: Software write enable (SWE)
FLMCR2
—
7
FLER
63
2
1
ESU
0
PSU
5
—
—
4
——
—
Bit 7: Flash memory error (FLER)
Bit 1: Erase setup (ESU)
Bit 0: Program setup (PSU)
EBR1
76
32
10
54
LB7
LB6
LB5
LB4
LB3
LB2
LB1
LB0
—
This address is not used.
EBR2
76
32
10
54
SB7
SB6
SB5
SB4
SB3
SB2
SB1
SB0
76
32
10
54
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Erase block register (EBR2)
EB0 (1 kbyte):
H'0000 to H'03FF
EB1 (1 kbyte):
H'0400 to H'07FF
EB2 (1 kbyte):
H'0800 to H'0BFF
EB3 (1 kbyte):
H'0C00 to H'0FFF
EB4 (28 kbytes): H'1000 to H'7FFF
EB5 (16 kbytes): H'8000 to H'BFFF
EB6 (12 kbytes): H'C000 to H'EF7F
EB7 (2 kbytes):
H'EF00 to H'F77F
Details
concerning
flash memory
See section 20, ROM (Dual-Power-
Supply 60-Kbyte Flash Memory
Version)
See section 21, ROM (Single-Power-
Supply 60-Kbyte Flash Memory
Version)
Electrical
characteristics
See section 23, Electrical
Characteristics
See section 23, Electrical
Characteristics
Registers
See Appendix B, Registers
See Appendix B, Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com