Electronic Components Datasheet Search
  English  ▼

X  

SH7034B Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7034B
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7034B Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7034B Datasheet HTML 35Page - Renesas Technology Corp SH7034B Datasheet HTML 36Page - Renesas Technology Corp SH7034B Datasheet HTML 37Page - Renesas Technology Corp SH7034B Datasheet HTML 38Page - Renesas Technology Corp SH7034B Datasheet HTML 39Page - Renesas Technology Corp SH7034B Datasheet HTML 40Page - Renesas Technology Corp SH7034B Datasheet HTML 41Page - Renesas Technology Corp SH7034B Datasheet HTML 42Page - Renesas Technology Corp SH7034B Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 13 of 658
REJ09B0272-0700
Type
Symbol
Pin No.
(PRQP0112
JA-A)
Pin No.
(PTQP0120
LA-A)
I/O Name and Function
Bus control
(cont)
WAIT
56
59
I
Wait: Requests the insertion of wait states
(TW) into the bus cycle when the external
address space is accessed.
RAS
54
57
O
Row address strobe: DRAM row-address
strobe timing signal.
CASH
49
52
O
Column address strobe high: DRAM column-
address strobe timing signal. Output to
access the upper eight data bits.
CASL
51
54
O
Column address strobe low: DRAM column-
address strobe timing. Output to access the
lower eight data bits.
RD
59
64
O
Read: Indicates reading of data from an
external device.
WRH
58
63
O
Upper write: Indicates write access to the
upper eight bits of an external device.
WRL
57
62
O
Lower write: Indicates write access to the
lower eight bits of an external device.
CS0–
CS7
48–51,
53–56
51–54,
56–59
O
Chip select 0–7: Chip select signals for
accessing external memory and devices.
AH
63
68
O
Address hold: Address hold timing signal for a
device using a multiplexed address/data bus.
HBS,
LBS
23, 58
24, 63
O
Upper/lower byte strobe: Upper and lower
byte strobe signals. (Also used as
WRH and
A0.)
WR
57
62
O
Write: Brought low during write access. (Also
used as
WRL.)
DMAC
DREQ0,
DREQ1
67, 69
72, 74
I
DMA transfer request (channels 0 and 1):
Input pins for external DMA transfer requests.
DACK0,
DACK1
66, 68
71, 73
O
DMA transfer acknowledge (channels 0 and
1): Indicates that DMA transfer is
acknowledged.
TIOCA0,
TIOCB0
53, 55
56, 58
I/O ITU input capture/output compare (channel 0):
Input capture or output compare pins.
TIOCA1,
TIOCB1
64, 65
69, 70
I/O ITU input capture/output compare (channel 1):
Input capture or output compare pins.
TIOCA2,
TIOCB2
97, 98
103, 105
I/O ITU input capture/output compare (channel 2):
Input capture or output compare pins.
TIOCA3,
TIOCB3
100, 101
107, 108
I/O ITU input capture/output compare (channel 3):
Input capture or output compare pins.
16-bit
integrated
timer pulse
unit (ITU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com