Electronic Components Datasheet Search
  English  ▼

X  

SH7109 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7109
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7109 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7109 Datasheet HTML 24Page - Renesas Technology Corp SH7109 Datasheet HTML 25Page - Renesas Technology Corp SH7109 Datasheet HTML 26Page - Renesas Technology Corp SH7109 Datasheet HTML 27Page - Renesas Technology Corp SH7109 Datasheet HTML 28Page - Renesas Technology Corp SH7109 Datasheet HTML 29Page - Renesas Technology Corp SH7109 Datasheet HTML 30Page - Renesas Technology Corp SH7109 Datasheet HTML 31Page - Renesas Technology Corp SH7109 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 560 page
background image
Rev.1.00 Sep. 18, 2008 Page xxviii of xxxiv
REJ09B0069-0100
Section 16 Masked ROM
Figure 16.1 Masked ROM Block Diagram (SH7106/SH7107)................................................. 445
Figure 16.2 Masked ROM Block Diagram (SH7108/SH7109)................................................. 445
Section 18 Power-Down Modes
Figure 18.1 Mode Transition Diagram ...................................................................................... 451
Figure 18.2 NMI Timing in Software Standby Mode................................................................ 460
Figure 18.3 Transition Timing to Hardware Standby Mode...................................................... 461
Section 20 Electrical Characteristics
Figure 20.1 Output Load Circuit ............................................................................................... 491
Figure 20.2 System Clock Timing............................................................................................. 493
Figure 20.3 EXTAL Clock Input Timing .................................................................................. 493
Figure 20.4 Oscillation Settling Time ....................................................................................... 493
Figure 20.5 Reset Input Timing................................................................................................. 495
Figure 20.6 Reset Input Timing................................................................................................. 495
Figure 20.7 Interrupt Signal Input Timing................................................................................. 496
Figure 20.8 Interrupt Signal Output Timing .............................................................................. 496
Figure 20.9 Bus Release Timing ............................................................................................... 496
Figure 20.10 Basic Cycle (No Waits).......................................................................................... 498
Figure 20.11 Basic Cycle (One Software Wait) .......................................................................... 499
Figure 20.12 Basic Cycle (Two Software Waits + Waits by WAIT Signal) ............................... 500
Figure 20.13 MTU Input/Output Timing..................................................................................... 501
Figure 20.14 MTU Clock Input Timing ...................................................................................... 502
Figure 20.15 I/O Port Input/Output Timing................................................................................. 502
Figure 20.16 Watchdog Timer Timing ........................................................................................ 503
Figure 20.17 Input Clock Timing ................................................................................................ 505
Figure 20.18 SCI Input/Output Timing ....................................................................................... 505
Figure 20.19 MMT Input/Output Timing .................................................................................... 506
Figure 20.20 POE Input/Output Timing ...................................................................................... 507
Figure 20.21 External Trigger Input Timing ............................................................................... 508
Appendix C Package Dimensions
Figure C.1
FP-80Q ................................................................................................................... 517
Figure C.2
FP-100M ................................................................................................................ 518



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com