Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7641_06 Datasheet HTML 18Page - Renesas Technology Corp 7641_06 Datasheet HTML 19Page - Renesas Technology Corp 7641_06 Datasheet HTML 20Page - Renesas Technology Corp 7641_06 Datasheet HTML 21Page - Renesas Technology Corp 7641_06 Datasheet HTML 22Page - Renesas Technology Corp 7641_06 Datasheet HTML 23Page - Renesas Technology Corp 7641_06 Datasheet HTML 24Page - Renesas Technology Corp 7641_06 Datasheet HTML 25Page - Renesas Technology Corp 7641_06 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 5 of 113
7641 Group
REJ09B0336-0200
HARDWARE
P50/XCIN,
P51/TOUT/
XCOUT,
P52/OBF0,
P53/IBF0,
P54/S0,
P55/A0,
P56/R(E),
P57/W(R/W)
• Apply 4.15 V – 5.25 V for 5 V version or 3.00 V – 3.60 V for 3 V version to the Vcc pin. Apply 0 V to the
Vss pin.
• This controls the MCU operating mode. Connect this pin to Vss. If connecting this pin to Vcc, the
internal ROM is inhibited. In the flash memory version this pin functions as a VPP power supply input pin.
• These pins are the power supply inputs for analog circuitry.
• Reset input pin for active “L.”
• Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set the
oscillation frequency.
• If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• Loop filter for the frequency synthesizer.
• It is a capacitor connection pin for built-in DC-DC converter. At Vcc=5 V, use built-in DC-DC converter
by permitting a USB line driver and connect a capacitor. Refer to "Notes on use" for details. Built-in DC-
DC converter cannot be used at Vcc = 3.3 V. Supply 3.3V power supply to this pin from the externals.
• USB D+ voltage signal port. Connect a 27 to 33
Ω (recommended) resistor in series.
• USB D- voltage signal port. Connect a 27 to 33
Ω (recommended) resistor in series.
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually programmed as either input or output.
• When connecting an external memory, these function as the address bus.
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually programmed as either input or output.
• When connecting an external memory, these function as the address bus.
• Key-on wake-up interrupt input pin
VCC, VSS
CNVss/VPP
AVss/AVcc
RESET
XIN
XOUT
LPF
Ext. Cap.
USB D+
USB D-
P00/AB0–
P07/AB7
Name
Power source
CNVss
Analog power
supply
Reset input
Clock input
Clock output
LPF
3.3 V line power
supply
USB D+
USB D-
Function except a port function
PIN DESCRIPTION
Table 1 Pin description (1)
Function
P10/AB8–
P17/AB15
P20/DB0–
P27/DB7
• 8-bit I/O port.
• CMOS compatible input level or VIHL input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• When connecting an external memory, these function as
the data bus.
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• When connecting an external memory, these function as
the control bus.
P30/RDY,
P31, P32,
P33/DMAOUT,
P34/
φ OUT,
P35/SYNCOUT,
P36/WR,
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• When connecting an external memory, these function as
the control bus.
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• When enabling the Master CPU bus interface function,
CMOS or TTL input level can be selected as an input.
I/O port P0
I/O port P1
I/O port P2
I/O port P3
(See Remarks.)
• External memory control pin
I/O port P4
P37/RD
P40/EDMA,
P41/INT0,
P42/INT1,
P43/CNTR0,
P44/CNTR1
• External memory control pin
• External interrupt pin
• Timer X, Timer Y pin
• Sub-clock generating input pin
• Timers 1, 2 pulse output pins
• Sub-clock generating output pin
• Master CPU bus interface pin
Pin
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com