Electronic Components Datasheet Search
  English  ▼

X  

HD6473644R Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # HD6473644R
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473644R Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button HD6473644R Datasheet HTML 86Page - Renesas Technology Corp HD6473644R Datasheet HTML 87Page - Renesas Technology Corp HD6473644R Datasheet HTML 88Page - Renesas Technology Corp HD6473644R Datasheet HTML 89Page - Renesas Technology Corp HD6473644R Datasheet HTML 90Page - Renesas Technology Corp HD6473644R Datasheet HTML 91Page - Renesas Technology Corp HD6473644R Datasheet HTML 92Page - Renesas Technology Corp HD6473644R Datasheet HTML 93Page - Renesas Technology Corp HD6473644R Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 549 page
background image
Section 3 Exception Handling
Rev. 6.00 Sep 12, 2006 page 70 of 526
REJ09B0326-0600
Bit 5
Reserved bit: Bit 5 is reserved: it is always read as 0 and cannot be modified.
Bit 4
SCI1 Interrupt Request Flag (IRRS1)
Bit 4: IRRS1
Description
0
Clearing condition:
(initial value)
When IRRS1 = 1, it is cleared by writing 0
1
Setting condition:
When an SCI1 transfer is completed
Bits 3 to 0
Reserved Bits: Bits 3 to 0 are reserved: they are always read as 0 and cannot be
modified.
Interrupt Request Register 3 (IRR3)
Bit
7
6
5
4
3
2
1
0
INTF7
INTF6
INTF5
INTF4
INTF3
INTF2
INTF1
INTF0
Initial value
0
0
0
0
0
0
0
0
Read/Write
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
Note:
* Only a write of 0 for flag clearing is possible.
IRR3 is an 8-bit read/write register, in which a corresponding flag is set to 1 by a transition at pin
INT
7 to INT0. The flags are not cleared automatically when an interrupt is accepted. It is necessary
to write 0 to clear each flag. Upon reset, IRR3 is initialized to H'00.
Bits 7 to 0
INT7 to INT0 Interrupt Request Flags (INTF7 to INTF0)
Bit n: INTFn
Description
0
Clearing condition:
(initial value)
When INTFn = 1, it is cleared by writing 0
1
Setting condition:
When the designated signal edge is input at pin
INTn
(n = 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com