| Electronic Components Datasheet Search |
|
HD6433641R Datasheet(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6433641R Datasheet(HTML) 73 Page - Renesas Technology Corp |
|
73 / 549 page ![]() Section 2 CPU Rev. 6.00 Sep 12, 2006 page 53 of 526 REJ09B0326-0600 Example 2: BSET instruction executed designating port 3 P37 and P36 are designated as input pins, with a low-level signal input at P37 and a high-level signal at P36. The remaining pins, P35 to P30, are output pins and output low-level signals. In this example, the BSET instruction is used to change pin P30 to high-level output. [A: Prior to executing BSET] P37 P36 P35 P34 P33 P32 P31 P30 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level Low level PCR3 0 0 1 1 1 1 1 1 PDR3 1 0 0 0 0 0 0 0 [B: BSET instruction executed] BSET #0 , @PDR3 The BSET instruction is executed designating port 3. [C: After executing BSET] P37 P36 P35 P34 P33 P32 P31 P30 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level High level PCR3 0 0 1 1 1 1 1 1 PDR3 0 1 0 0 0 0 0 1 [D: Explanation of how BSET operates] When the BSET instruction is executed, first the CPU reads port 3. Since P37 and P36 are input pins, the CPU reads the pin states (low-level and high-level input). P35 to P30 are output pins, so the CPU reads the value in PDR3. In this example PDR3 has a value of H'80, but the value read by the CPU is H'40. Next, the CPU sets bit 0 of the read data to 1, changing the PDR3 data to H'41. Finally, the CPU writes this value (H'41) to PDR3, completing execution of BSET. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |