Electronic Components Datasheet Search
  English  ▼

X  

R8C17 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R8C17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C17 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R8C17 Datasheet HTML 17Page - Renesas Technology Corp R8C17 Datasheet HTML 18Page - Renesas Technology Corp R8C17 Datasheet HTML 19Page - Renesas Technology Corp R8C17 Datasheet HTML 20Page - Renesas Technology Corp R8C17 Datasheet HTML 21Page - Renesas Technology Corp R8C17 Datasheet HTML 22Page - Renesas Technology Corp R8C17 Datasheet HTML 23Page - Renesas Technology Corp R8C17 Datasheet HTML 24Page - Renesas Technology Corp R8C17 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 279 page
background image
R8C/16 Group, R8C/17 Group
1. Overview
Rev.2.10
Jan 19, 2006
Page 8 of 254
REJ09B0169-0210
1.6
Pin Description
Table 1.5 lists the Pin Description and Table 1.6 lists the Pin Name Information by Pin Number.
I: Input
O: Output
I/O: Input and output
Table 1.5
Pin Description
Function
Pin Name
I/O Type
Description
Power Supply Input
VCC
VSS
I
Apply 2.7V to 5.5V to the VCC pin. Apply 0V to
the VSS pin
Analog Power Supply
Input
AVCC
AVSS
I
Power supply input pins to A/D converter.
Connect AVCC to VCC. Apply 0V to AVSS.
Connect a capacitor between AVCC and AVSS.
Reset Input
RESET
I
Input “L” on this pin resets the MCU
MODE
MODE
I
Connect this pin to VCC via a resistor
Main Clock Input
XIN
I
These pins are provided for the main clock
generation circuit I/O. Connect a ceramic
resonator or a crystal oscillator between the XIN
and XOUT pins. To use an externally derived
clock, input it to the XIN pin and leave the XOUT
pin open.
Main Clock Output
XOUT
O
INT Interrupt
INT0, INT1, INT3
I
INT interrupt input pins
Key Input Interrupt
KI0 to KI3
I
Key input interrupt input pins
Timer X
CNTR0
I/O
Timer X I/O pin
CNTR0
O
Timer X output pin
Timer Z
TZOUT
O
Timer Z output pin
Timer C
TCIN
I
Timer C input pin
CMP0_0 to CMP0_2,
CMP1_0 to CMP1_2
O
Timer C output pins
Serial Interface
CLK0
I/O
Transfer clock I/O pin
RXD0
I
Serial data input pin
TXD0
O
Serial data output pin
I2C bus Interface
(IIC)
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
Reference Voltage
Input
VREF
I
Reference voltage input pin to A/D converter
Connect VREF to VCC
A/D Converter
AN8 to AN11
I
Analog input pins to A/D converter
I/O Port
P1_0 to P1_7, P3_3
to P3_5, P3_7, P4_5
I/O
These are CMOS I/O ports. Each port contains
an I/O select direction register, allowing each
pin in that port to be directed for input or output
individually.
Any port set to input can select whether to use a
pull-up resistor or not by program.
P1_0 to P1_3 also function as LED drive ports.
Input Port
P4_6, P4_7
I
Port for input-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com