Electronic Components Datasheet Search
  English  ▼

X  

R8C15 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R8C15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C15 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R8C15 Datasheet HTML 75Page - Renesas Technology Corp R8C15 Datasheet HTML 76Page - Renesas Technology Corp R8C15 Datasheet HTML 77Page - Renesas Technology Corp R8C15 Datasheet HTML 78Page - Renesas Technology Corp R8C15 Datasheet HTML 79Page - Renesas Technology Corp R8C15 Datasheet HTML 80Page - Renesas Technology Corp R8C15 Datasheet HTML 81Page - Renesas Technology Corp R8C15 Datasheet HTML 82Page - Renesas Technology Corp R8C15 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 67 of 253
REJ09B0164-0210
11.1.6.8
Returning from an Interrupt Routine
When the REIT instruction is executed at the end of an interrupt routine, the FLG register and PC,
which have been saved to the stack, are automatically returned. The program, executed before the
interrupt request has been acknowledged, starts running again.
Return the register saved by a program in an interrupt routine using the POPM instruction or others
before the REIT instruction.
11.1.6.9
Interrupt Priority
If two or more interrupt requests are generated while executing one instruction, the interrupt with the
higher priority is acknowledged.
Set the ILVL2 to ILVL0 bits to select the desired priority level for maskable interrupts (peripheral
functions). However, if two or more maskable interrupts have the same priority level, their interrupt
priority is resolved by hardware, with the higher priority interrupt acknowledged in hardware.
The priority levels of special interrupts such as reset (reset has the highest priority) and watchdog
timer are set by hardware. Figure 11.9 shows the Interrupt Priority Levels of Hardware Interrupt.
The interrupt priority does not affect software interrupts. The microcomputer jumps to the interrupt
routine when the instruction is executed.
Figure 11.9
Interrupt Priority Levels of Hardware Interrupt
Reset
Watchdog Timer
Oscillation Stop Detection
Voltage Monitor 2
Peripheral Function
Single Step
Address Match
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com