Electronic Components Datasheet Search
  English  ▼

X  

M30262F3GP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M30262F3GP
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F3GP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M30262F3GP Datasheet HTML 1Page - Renesas Technology Corp M30262F3GP Datasheet HTML 2Page - Renesas Technology Corp M30262F3GP Datasheet HTML 3Page - Renesas Technology Corp M30262F3GP Datasheet HTML 4Page - Renesas Technology Corp M30262F3GP Datasheet HTML 5Page - Renesas Technology Corp M30262F3GP Datasheet HTML 6Page - Renesas Technology Corp M30262F3GP Datasheet HTML 7Page - Renesas Technology Corp M30262F3GP Datasheet HTML 8Page - Renesas Technology Corp M30262F3GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 239 page
background image
How to Use This Manual
This hardware manual provides detailed information on features in the M16C/26 Group
microcomputer.
Users are expected to have basic knowledge of electric circuits, logical circuits and micro-
computer.
*2
RW: Read and write
RO:
Read only
WO: Write only
–:
Nothing is assigned
*1
Blank:Set to "0" or "1" according to your intended use
0:
Set to "0"
1:
Set to "1"
X:
Nothing is assigned
*3
Terms to use here are explained as follows.
• Nothing is assigned
Nothing is assigned to the bit concerned. When write, set to "0" for new function
in future plan.
• Reserved bit
Reserved bit. Set the specified value.
• Avoid this setting
The operation at having selected is not guaranteed.
• Function varies depending on each operation mode
Bit function varies depending on peripheral function mode.
Refer to register diagrams in each mode.
*3
XXX register
Symbol
Address
After reset
XXX
XXX
0016
Bit name
Bit symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
XXX bit
1 0: XXX
0 1: XXX
1 0: Avoid this setting
1 1: XXX
b1 b0
XXX1
XXX0
XXX4
Reserved bit
XXX5
XXX7
XXX6
Function
Nothing is assigned.
When write, should set to "0". When read, its content is indeterminate.
XXX bit
Function varies depending on each
operation mode
Should set to "0"
0
(b3)
(b2)
RW
RW
RW
RW
WO
RW
RO
XXX bit
0: XXX
1: XXX
*1
*2
Each register diagram contains bit functions with the following symbols and descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com