Electronic Components Datasheet Search
  English  ▼

X  

STY30NA50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STY30NA50
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY30NA50 Datasheet(HTML) 2 Page - STMicroelectronics

  STY30NA50 Datasheet HTML 1Page - STMicroelectronics STY30NA50 Datasheet HTML 2Page - STMicroelectronics STY30NA50 Datasheet HTML 3Page - STMicroelectronics STY30NA50 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Rthc-si nk
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-Heatsink
Typ
with Conductive Grease
0.42
40
0.05
oC/W
oC/W
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current , Repet itive or Not -Repetitive
(pulse widt h limited by Tj max,
δ <1%)
30
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
3000
mJ
EAR
Repetit ive Avalanche Energy
(pulse widt h limited by Tj max,
δ <1%)
180
mJ
IAR
Avalanche Current , Repet itive or Not -Repetitive
(Tc =100
oC, pulse width limited by Tj max,
δ <1%)
19
A
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID = 250
µAVGS = 0
500
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating x0. 8
Tc = 125
oC
200
1000
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate T hreshold Voltage VDS =VGS
ID =250
µA2.25
3
3.75
V
RDS(on)
St atic Drain-source On
Resistance
VGS =10 V
ID =15 A
VGS =10 V
ID =15 A
Tc =100
oC
0. 15
0. 175
0.35
Ω
Ω
ID(o n)
On Stat e Drain Current
VDS >ID(on) xRDS(on) max
VGS =10 V
30
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on) max
ID =15 A
25
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
6150
780
220
8000
1000
290
pF
pF
pF
STY30NA50
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com