Electronic Components Datasheet Search
  English  ▼

X  

STY34NB50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STY34NB50
Description  N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY34NB50 Datasheet(HTML) 1 Page - STMicroelectronics

  STY34NB50 Datasheet HTML 1Page - STMicroelectronics STY34NB50 Datasheet HTML 2Page - STMicroelectronics STY34NB50 Datasheet HTML 3Page - STMicroelectronics STY34NB50 Datasheet HTML 4Page - STMicroelectronics STY34NB50 Datasheet HTML 5Page - STMicroelectronics STY34NB50 Datasheet HTML 6Page - STMicroelectronics STY34NB50 Datasheet HTML 7Page - STMicroelectronics STY34NB50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STY34NB50
N - CHANNEL 500V - 0.11
Ω - 34 A - Max247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.11
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
LOW INTRINSIC CAPACITANCE
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, SGS-Thomson has designed an ad-
vanced family of power MOSFETs with outstand-
ing performances. The new patent pending strip
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, exceptional avalanche and
dv/dt capabilities and unrivalled gate charge and
switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
June 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VDS
Drain-source Volt age (VGS = 0)
500
V
VDGR
Drain- gat e Volt age (RGS =20 k
Ω)
500
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC34
A
ID
Drain Current (continuous) at Tc =100
oC
21. 4
A
IDM(
•)
Drain Current (pulsed)
136
A
Ptot
Total Dissipation at Tc =25
oC
450
W
Derat ing Factor
3. 61
W/
oC
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ ns
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤34 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST Y34NB50
500 V
< 0.13
Ω
34 A
1
2
3
Max247
™
1/8


Similar Part No. - STY34NB50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STY34NB50 ISC-STY34NB50 Datasheet
365Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STY34NB50F STMICROELECTRONICS-STY34NB50F Datasheet
87Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Dec-1999
logo
Inchange Semiconductor ...
STY34NB50F ISC-STY34NB50F Datasheet
365Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STY34NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Mar-2000
STD4NC50 STMICROELECTRONICS-STD4NC50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 1.3 ohm - 3.7 A TO-251 PowerMESH MOSFET
Sep-1999
STGY50NB60HD STMICROELECTRONICS-STGY50NB60HD Datasheet
45Kb / 6P
N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
Jun-1999
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
Sep-1999
STY34NB50F STMICROELECTRONICS-STY34NB50F Datasheet
87Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Dec-1999
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
N-channel 600V - 50A - Max247 Very fast PowerMESH™IGBT
13-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com