Electronic Components Datasheet Search
  English  ▼

X  

4502_M Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 4502_M
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502_M Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 4502_M Datasheet HTML 51Page - Renesas Technology Corp 4502_M Datasheet HTML 52Page - Renesas Technology Corp 4502_M Datasheet HTML 53Page - Renesas Technology Corp 4502_M Datasheet HTML 54Page - Renesas Technology Corp 4502_M Datasheet HTML 55Page - Renesas Technology Corp 4502_M Datasheet HTML 56Page - Renesas Technology Corp 4502_M Datasheet HTML 57Page - Renesas Technology Corp 4502_M Datasheet HTML 58Page - Renesas Technology Corp 4502_M Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 214 page
background image
1-43
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
Fig. 39 State transition
Fig. 40 Set source and clear source of the P flag
Fig. 41 Start condition identified example using the SNZP in-
struction
S
R
Q
Power down flag P
POF or
POF2
instruction
Reset input
q Set source
q Clear source
Reset input
• • • • • • •
• • • • • •
EPOF instruction +
POF or
POF2
instruction
EPOF instruction +
Program start
P = “1”
?
Yes
Warm start
Cold start
No
Reset
(Stabilizing
time a )
B
Operation source clock:
ceramic resonator
On-chip oscillator: stop
RC oscillation circuit: stop
A
Operation source clock:
on-chip oscillator clock
Ceramic resonator:
operating (Note 2)
RC oscillation circuit: stop
C
Operation source clock:
RC oscillation
On-chip oscillator: stop
Ceramic resonator: stop
CMCK instruction
execution (Note 3)
CRCK instruction
execution (Note 3)
Voltage drop
detected
Key-on wakeup
(Stabilizing time b )
POF instruction execution
D
RAM back-up
(Voltage drop detection
circuit is operating.)
Operation source clock: stop
Key-on wakeup
(Stabilizing time c )
POF instruction execution
Key-on wakeup
(Stabilizing time b )
POF2 instruction execution
Key-on wakeup
(Stabilizing time c )
POF2 instruction execution
E
RAM back-up
(All functions of
microcomputer stop)
Operation source clock: stop
POF instruction execution
Key-on wakeup
Key-on wakeup
(Stabilizing time a )
POF2 instruction execution
Stabilizing time a : Microcomputer starts its operation after counting the on-chip oscillator clock 5359 times by hardware.
Stabilizing time b : Microcomputer starts its operation after counting the f(XIN) 5359 times by hardware.
Stabilizing time c : Microcomputer starts its operation after counting the f(XIN) 165 times by hardware.
Notes 1: Continuous execution of the EPOF instruction and the POF or POF2 instruction is required to go into
the RAM back-up state.
2: Through the ceramic resonator is operating, the on-chip oscillator clock is selected as the operation source clock.
3: The oscillator clock corresponding to each instruction is selected as the operation source clock,
and the on-chip oscillator is stopped.
(Stabilizing time a )
Operating
Operating
Operating
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com