Electronic Components Datasheet Search
  English  ▼

X  

SH7286 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 27Page - Renesas Technology Corp SH7286 Datasheet HTML 28Page - Renesas Technology Corp SH7286 Datasheet HTML 29Page - Renesas Technology Corp SH7286 Datasheet HTML 30Page - Renesas Technology Corp SH7286 Datasheet HTML 31Page - Renesas Technology Corp SH7286 Datasheet HTML 32Page - Renesas Technology Corp SH7286 Datasheet HTML 33Page - Renesas Technology Corp SH7286 Datasheet HTML 34Page - Renesas Technology Corp SH7286 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1726 page
background image
Section 1 Overview
Rev. 1.00 Jun. 26, 2008 Page 1 of 1692
REJ09B0393-0100
Section 1 Overview
1.1
SH7286, SH7285, and SH7243 Features
This LSI is a single-chip RISC microprocessor that integrates a Renesas Technology original
RISC CPU core with peripheral functions required for system configuration.
The CPU in this LSI has a RISC-type (Reduced Instruction Set Computer) instruction set and uses
a superscalar architecture and a Harvard architecture, which greatly improves instruction
execution speed. In addition, the 32-bit internal-bus architecture enhances data processing power.
With this CPU, it has become possible to assemble low-cost, high-performance, and high-
functioning systems, even for applications that were previously impossible with microprocessors,
such as realtime control, which demands high speeds.
In addition, this LSI includes on-chip peripheral functions necessary for system configuration,
such as a large-capacity ROM, a ROM cache, a RAM, a direct memory access controller
(DMAC), a data transfer controller (DTC), multi-function timer pulse units 2 (MTU2 and
MTU2S), a serial communication interface with FIFO (SCIF), a serial communication interface
(SCI), a synchronous serial communication interface (SSU), an A/D converter, a D/A converter,
an interrupt controller (INTC), I/O ports, I
2C bus interface 3 (IIC3), a universal serial bus (USB),
and a controller area network (RCAN-ET).
This LSI also provides an external memory access support function to enable direct connection to
various memory devices or peripheral LSIs.
These on-chip functions significantly reduce costs of designing and manufacturing application
systems.
The features of this LSI are listed in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com