Electronic Components Datasheet Search
  English  ▼

X  

4507 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4507
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4507 Datasheet HTML 45Page - Renesas Technology Corp 4507 Datasheet HTML 46Page - Renesas Technology Corp 4507 Datasheet HTML 47Page - Renesas Technology Corp 4507 Datasheet HTML 48Page - Renesas Technology Corp 4507 Datasheet HTML 49Page - Renesas Technology Corp 4507 Datasheet HTML 50Page - Renesas Technology Corp 4507 Datasheet HTML 51Page - Renesas Technology Corp 4507 Datasheet HTML 52Page - Renesas Technology Corp 4507 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 216 page
background image
1-37
4507 Group
HARDWARE
Rev.2.01
Feb 04, 2005
REJ09B0195-0201
FUNCTION BLOCK OPERATIONS
RESET FUNCTION
System reset is performed by applying “L” level to RESET pin for
1 machine cycle or more when the following condition is satisfied;
the value of supply voltage is the minimum value or more of the
recommended operating conditions.
Then when “H” level is applied to RESET pin, software starts from
address 0 in page 0.
Fig. 33 Reset release timing
Fig. 34 RESET pin input waveform and reset operation
f(XIN)
RESET
Program starts
(address 0 in page 0)
On-chip oscillator (internal oscillator)
is counted 5359 times.
RESET
0.3VDD
0.85VDD
(Note)
Note: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Reset input
1 machine cycle or more
Program starts
(address 0 in page 0)
On-chip oscillator (internal oscillator)
is counted 5359 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com