Electronic Components Datasheet Search
  English  ▼

X  

4524_M Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4524_M
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 720 FAMILY / 4500 SERIES
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4524_M Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4524_M Datasheet HTML 45Page - Renesas Technology Corp 4524_M Datasheet HTML 46Page - Renesas Technology Corp 4524_M Datasheet HTML 47Page - Renesas Technology Corp 4524_M Datasheet HTML 48Page - Renesas Technology Corp 4524_M Datasheet HTML 49Page - Renesas Technology Corp 4524_M Datasheet HTML 50Page - Renesas Technology Corp 4524_M Datasheet HTML 51Page - Renesas Technology Corp 4524_M Datasheet HTML 52Page - Renesas Technology Corp 4524_M Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 310 page
background image
FUNCTION BLOCK OPERATIONS
4524 Group
HARDWARE
Rev.2.00
Aug, 06 2004
REJ09B0107-0200Z
1-36
W21
0
0
1
1
Timer 1 underflow signal divided by 2 output
Timer 2 underflow signal divided by 2 output
Stop (state retained)
Operating
Count source
System clock (STCK)
Prescaler output (ORCLK)
Timer 1 underflow signal (T1UDF)
PWM signal (PWMOUT)
CNTR0 output control bit
Timer 2 control bit
Timer 2 count source selection bits
0
1
0
1
W20
0
1
0
1
Timer control register W2
at power down : state retained
at reset : 00002
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This function is valid only when the timer 1 count start synchronous circuit is selected (I10=“1”).
3: This function is valid only when the timer 3 count start synchronous circuit is selected (I20=“1”).
4: Port C output is invalid when CNTR1 input is selected for the timer 3 count source.
W23
W22
W21
W20
0
1
Stop (state initialized)
Operating
Prescaler control bit
Timer control register PA
W
TPAA
at power down : 02
at reset : 02
PA0
W11
0
0
1
1
Timer 1 count auto-stop circuit not selected
Timer 1 count auto-stop circuit selected
Stop (state retained)
Operating
Count source
Instruction clock (INSTCK)
Prescaler output (ORCLK)
Timer 5 underflow signal (T5UDF)
CNTR0 input
Timer 1 count auto-stop circuit selection
bit (Note 2)
Timer 1 control bit
Timer 1 count source selection bits
0
1
0
1
W10
0
1
0
1
Timer control register W1
R/W
TAW1/TW1A
at power down : state retained
at reset : 00002
W13
W12
W11
W10
W31
0
0
1
1
Timer 3 count auto-stop circuit not selected
Timer 3 count auto-stop circuit selected
Stop (state retained)
Operating
Count source
PWM signal (PWMOUT)
Prescaler output (ORCLK)
Timer 2 underflow signal (T2UDF)
CNTR1 input
Timer 3 count auto-stop circuit selection
bit (Note 3)
Timer 3 control bit
Timer 3 count source selection bits
(Note 4)
0
1
0
1
W30
0
1
0
1
Timer control register W3
at power down : state retained
at reset : 00002
W33
W32
W31
W30
R/W
TAW2/TW2A
R/W
TAW3/TW3A
Table 10 Timer related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com