| Electronic Components Datasheet Search |
|
M30624FGLFP Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGLFP Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER CPU 12 Central Processing Unit (CPU) The CPU has a total of 13 registers shown in Figure 1.5.1. Seven of these registers (R0, R1, R2, R3, A0, A1, and FB) come in two sets; therefore, these have two register banks. (1) Data registers (R0, R0H, R0L, R1, R1H, R1L, R2, and R3) Data registers (R0, R1, R2, and R3) are configured with 16 bits, and are used primarily for transfer and arithmetic/logic operations. Registers R0 and R1 each can be used as separate 8-bit data registers, high-order bits as (R0H/R1H), and low-order bits as (R0L/R1L). In some instructions, registers R2 and R0, as well as R3 and R1 can use as 32-bit data registers (R2R0/R3R1). (2) Address registers (A0 and A1) Address registers (A0 and A1) are configured with 16 bits, and have functions equivalent to those of data registers. These registers can also be used for address register indirect addressing and address register relative addressing. In some instructions, registers A1 and A0 can be combined for use as a 32-bit address register (A1A0). H L b15 b8 b7 b0 R0(Note) H L b15 b8 b7 b0 R1(Note) R2(Note) b15 b0 R3(Note) b15 b0 A0(Note) b15 b0 A1(Note) b15 b0 FB(Note) b15 b0 Data registers Address registers Frame base registers b15 b0 b15 b0 b15 b0 b15 b0 b0 b19 b0 b19 H L Program counter Interrupt table register User stack pointer Interrupt stack pointer Static base register Flag register PC INTB USP ISP SB FLG Note: These registers consist of two register banks. C D Z S B O I U IPL Figure 1.5.1. Central processing unit register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |