Electronic Components Datasheet Search
  English  ▼

X  

SH7712 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7712
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  978 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7712 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7712 Datasheet HTML 18Page - Renesas Technology Corp SH7712 Datasheet HTML 19Page - Renesas Technology Corp SH7712 Datasheet HTML 20Page - Renesas Technology Corp SH7712 Datasheet HTML 21Page - Renesas Technology Corp SH7712 Datasheet HTML 22Page - Renesas Technology Corp SH7712 Datasheet HTML 23Page - Renesas Technology Corp SH7712 Datasheet HTML 24Page - Renesas Technology Corp SH7712 Datasheet HTML 25Page - Renesas Technology Corp SH7712 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 978 page
background image
Rev. 1.00 Dec. 27, 2005 Page xxii of xlii
17.5
Usage Notes ....................................................................................................................... 635
Section 18 Ethernet Controller (EtherC) ........................................................... 637
18.1
Features.............................................................................................................................. 637
18.2
Input/Output Pins ...............................................................................................................639
18.3
Register Descriptions ......................................................................................................... 641
18.3.1 Software Reset Register (ARSTR) ....................................................................... 644
18.3.2 EtherC Mode Register (ECMR)............................................................................ 645
18.3.3 EtherC Status Register (ECSR) ............................................................................ 648
18.3.4 EtherC Interrupt Permission Register (ECSIPR) .................................................. 649
18.3.5 PHY Interface Register (PIR) ............................................................................... 650
18.3.6 MAC Address High Register (MAHR) ................................................................ 651
18.3.7 MAC Address Low Register (MALR) ................................................................. 651
18.3.8 Receive Frame Length Register (RFLR) .............................................................. 652
18.3.9 PHY Status Register (PSR)................................................................................... 653
18.3.10 Transmit Retry Over Counter Register (TROCR) ................................................ 653
18.3.11 Delayed Collision Detect Counter Register (CDCR)............................................ 654
18.3.12 Lost Carrier Counter Register (LCCR)................................................................. 654
18.3.13 Carrier Not Detect Counter Register (CNDCR) ................................................... 654
18.3.14 CRC Error Frame Receive Counter Register (CEFCR)........................................ 655
18.3.15 Frame Receive Error Counter Register (FRECR)................................................. 655
18.3.16 Too-Short Frame Receive Counter Register (TSFRCR) ...................................... 655
18.3.17 Too-Long Frame Receive Counter Register (TLFRCR) ...................................... 656
18.3.18 Residual-Bit Frame Receive Counter Register (RFCR) ....................................... 656
18.3.19 Multicast Address Frame Receive Counter Register (MAFCR)........................... 657
18.3.20 IPG Register (IPGR)............................................................................................. 657
18.3.21 TSU Counter Reset Register (TSU_CTRST) ....................................................... 658
18.3.22 Relay Enable Register (Port 0 to 1) (TSU_FWEN0) ............................................ 658
18.3.23 Relay Enable Register (Port 1 to 0) (TSU_FWEN1) ............................................ 659
18.3.24 Relay FIFO Size Select Register (TSU_FCM) ..................................................... 660
18.3.25 Relay FIFO Overflow Alert Set Register (Port 0) (TSU_BSYSL0) ..................... 661
18.3.26 Relay FIFO Overflow Alert Set Register (Port 1) (TSU_BSYSL1) ..................... 662
18.3.27 Transmit/Relay Priority Control Mode Register (Port 0) (TSU_PRISL0)............ 663
18.3.28 Transmit/Relay Priority Control Mode Register (Port 1) (TSU_PRISL1)............ 664
18.3.29 Receive/Relay Function Set Register (Port 0 to 1) (TSU_FWSL0)...................... 666
18.3.30 Receive/Relay Function Set Register (Port 1 to 0) (TSU_FWSL1)...................... 667
18.3.31 Relay Function Set Register (Common) (TSU_FWSLC)..................................... 669
18.3.32 Qtag Addition/Deletion Set Register (Port 0 to 1) (TSU_QTAGM0) .................. 671
18.3.33 Qtag Addition/Deletion Set Register (Port 1 to 0) (TSU_QTAGM1) .................. 672
18.3.34 Relay Status Register (TSU_FWSR) .................................................................... 673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com