Electronic Components Datasheet Search
  English  ▼

X  

7540_M Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7540_M
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540_M Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7540_M Datasheet HTML 24Page - Renesas Technology Corp 7540_M Datasheet HTML 25Page - Renesas Technology Corp 7540_M Datasheet HTML 26Page - Renesas Technology Corp 7540_M Datasheet HTML 27Page - Renesas Technology Corp 7540_M Datasheet HTML 28Page - Renesas Technology Corp 7540_M Datasheet HTML 29Page - Renesas Technology Corp 7540_M Datasheet HTML 30Page - Renesas Technology Corp 7540_M Datasheet HTML 31Page - Renesas Technology Corp 7540_M Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 366 page
background image
1-9
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
HARDWARE
GROUP EXPANSION
We plan to expand the 7540 group as follow:
Memory type
Support for Mask ROM version, One Time PROM version, and
Emulator MCU .
Memory size
ROM/PROM size ................................................. 8 K to 32 K bytes
RAM size .............................................................. 384 to 768 bytes
Package
32P4B .................................................. 32-pin plastic molded SDIP
32P6U-A ...................... 0.8 mm-pitch 32-pin plastic molded LQFP
36P2R-A ...................... 0.8 mm-pitch 36-pin plastic molded SSOP
42S1M .................................... 42-pin shrink ceramic PIGGY BACK
Fig. 8 Memory expansion plan
384
32K
ROM size
(bytes)
RAM size
(bytes)
512
768
16K
0
M37540E8
M37540M4
M37540M4T
8K
M37540E8T
M37540E8V
M37540M2T
M37540M2
M37540E2
M37540M2V
M37540M4V
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com