Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 150Page - Renesas Technology Corp 7540 Datasheet HTML 151Page - Renesas Technology Corp 7540 Datasheet HTML 152Page - Renesas Technology Corp 7540 Datasheet HTML 153Page - Renesas Technology Corp 7540 Datasheet HTML 154Page - Renesas Technology Corp 7540 Datasheet HTML 155Page - Renesas Technology Corp 7540 Datasheet HTML 156Page - Renesas Technology Corp 7540 Datasheet HTML 157Page - Renesas Technology Corp 7540 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 366 page
background image
2-78
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Notes 1: In the programmable waveform generation mode, values of TYS, EXPYP, and EXPYS are
valid by writing to TYP because the setting to them is executed all at once by writing to
TYP. Even when changing TYP is not required, write the same value again.
2: In the programmable waveform generation mode, when the setting value is changed while
the waveform is output, set by software in order not to execute the writing to TYP and the
timing of timer underflow during the secondary interval simultaneously.
An example of a measurement is shown below.
ex.) The underflow by the primary and the underflow by secondary are stored by polling
etc. using timer Y interrupt.
Writing is performed in by judging that there is no problem if the underflow by secondary
is completed with reference to primary write operation before.
(Depending on a primary and a secondary setting values, and primary write timing, it
may be impossible.)
3: The waveform extension function by the timer Y waveform extension control bits can be
used only when “0016” is set to Prescaler Y.
When the value other than “0016” is set to Prescaler Y, be sure to set “0” to EXPYP and
EXPYS.
The waveform extension function by the timer Z waveform extension control bits can be
used only when “0016” is set to Prescaler Z. When the value other than “0016” is set to
Prescaler Z, be sure to set “0” to EXPZP and EXPZS. Also, when the timer Y underflow
is selected as the timer Z count source, the waveform extension function cannot be used.
4: When using this mode, be sure to set “1” to the timer Y write control bit to select “write
to latch only”.
5: When TYS is read out, the undefined value is read out. However, while timer Y counts the
setting value of TYS, the count value during the secondary interval can be obtained by
reading the timer Y primary.
6: In order to use TYOUT pin, set “1” to bit 1 of the port P0 direction register (output mode).
Figure 2.5.23 shows the timing diagram of the programmable waveform generation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com