Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 152Page - Renesas Technology Corp 7540 Datasheet HTML 153Page - Renesas Technology Corp 7540 Datasheet HTML 154Page - Renesas Technology Corp 7540 Datasheet HTML 155Page - Renesas Technology Corp 7540 Datasheet HTML 156Page - Renesas Technology Corp 7540 Datasheet HTML 157Page - Renesas Technology Corp 7540 Datasheet HTML 158Page - Renesas Technology Corp 7540 Datasheet HTML 159Page - Renesas Technology Corp 7540 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 366 page
background image
2-80
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
(2) Programmable waveform generation mode setting method
Figure 2.5.24 and Figure 2.5.25 show the setting method for programmable waveform generation
mode of timer Y.
When timer Z is used, registers are set by the same method.
Fig. 2.5.24 Setting method for programmable waveform generation mode (1)
b7b0
1
1
1
b7b0
Timer Y primary waveform extension control bit (Note)
0: Waveform not extended
1: Waveform extended
Timer Y secondary waveform extension control bit (Note)
0: Waveform not extended
1: Waveform extended
Timer Y output level latch
0: Initial state at stop: “L”, “H” interval by TYP setting value,
“L” interval by TYS setting value
1: Initial state at stop: “H”, “L” interval by TYP setting value,
“H” interval by TYS setting value
Process 4: Set TYOUT pin to the output (Note).
Port P0 direction register (P0D) [Address 0116]
Set P01/TYOUT pin as the output mode
b7b0
1
Note: For timer Z, set TZOUT pin as the output by bit 2 of P0D.
b7
b0
0
Note: When using this mode, be sure to set “1” to the timer Y write control bit
to select “write to latch only”.
Process 1: Disable timer Y interrupt.
Process 2: Set timer Y, Z mode register.
Timer Y, Z mode register (TYZM) [Address 2016]
Programmable waveform generation mode
Write to only latch (Note)
Timer Y count stop
Interrupt control register 2 (ICON2) [Address 3F16]
Timer Y interrupt disabled
Process 3: Set timer Y, Z waveform output control register.
Timer Y, Z waveform output control register (PUM) [Address 2416]
Note: The waveform extension function by the timer Y waveform extension
control bits can be used only when “0016” is set to prescaler Y.
When the value other than “0016” is set to prescaler Y, be sure to set “0”
to EXPYP and EXPYS.
The waveform extension function by the timer Z waveform extension
control bits can be used only when “0016” is set to prescaler Z.
When the value other than “0016” is set to prescaler Z, be sure to set “0”
to EXPZP and EXPZS.
Also, when the timer Y underflow is selected as the timer Z count source,
the waveform extension function cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com