Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 155Page - Renesas Technology Corp 7540 Datasheet HTML 156Page - Renesas Technology Corp 7540 Datasheet HTML 157Page - Renesas Technology Corp 7540 Datasheet HTML 158Page - Renesas Technology Corp 7540 Datasheet HTML 159Page - Renesas Technology Corp 7540 Datasheet HTML 160Page - Renesas Technology Corp 7540 Datasheet HTML 161Page - Renesas Technology Corp 7540 Datasheet HTML 162Page - Renesas Technology Corp 7540 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 366 page
background image
2-83
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
Fig. 2.5.27 Example of control procedure
“0016”
“2016”
RESET
0
1
01
Processing
1
1
1
CLI
0
1
1
Timer Y primary waveform
generation extended (Note 3)
Timer Y secondary waveform
generation extended (Note 3)
Initial state: “L”, TYP: “H” interval,
TYS: “L” interval
PUM(Address 2416)
“4116”
0
1
1
TCSS(Address 2E16)
Timer Y count source:
f(XIN)/2 selected
Set port P01 to the output mode.
Set “0” to the timer Y interrupt enable bit.
(Timer Y interrupt disabled)
Prescaler Y (Address 2116)
Set value to timer Y (Notes 3, 4, 5, 6)
Set timer count source set register
TYZM(Address 2016)
Set timer Y, Z mode register
Programmable waveform
generation mode
Writing to only latch (Note 2)
Timer Y count stop
Timer Y primary (Address 2316)
Set “1” to the timer Y interrupt enable bit.
(Timer Y interrupt enabled)
Set “0” to the timer Y interrupt request bit.
TYZM(Address 2016)
Set timer Y, Z mode register
Timer Y count start
Initialization
SEI
CLD
CLT
CPUM(Address 3B16)
← 10000X002
Wait until f(XIN) oscillation is stabilized (Note 1)
CPUM(Address 3B16)
← 00000X002
X: This bit is not used here. Set it to “0” or “1” arbitrary.
Timer Y secondary (Address 2216)
Set timer Y, Z waveform output control register
Notes 1: For the concrete time, ask the oscillator manufacture.
2: When using this mode, be sure to select “write to latch
only”.
3: The waveform extension function by the timer Y waveform
extension control bits can be used only when “0016” is set
to prescaler Y.
When the value other than “0016” is set to prescaler Y, be
sure to set “0” to EXPYP and EXPYS.
4: In the programmable waveform generation mode, values of
TYS, EXPYP, and EXPYS are valid by writing to TYP. Even
when changing TYP is not required, write the same value
again.
5: In the programmable waveform generation mode, when the
setting value is changed while the waveform is output, set
by software in order not to execute the writing to TYP and
the timing of timer Y underflow during the secondary
interval simultanesously.
6: Count values of the primary interval and secondary interval
can be checked by reading TYP (TYS is undefined at read).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com