Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 158Page - Renesas Technology Corp 7540 Datasheet HTML 159Page - Renesas Technology Corp 7540 Datasheet HTML 160Page - Renesas Technology Corp 7540 Datasheet HTML 161Page - Renesas Technology Corp 7540 Datasheet HTML 162Page - Renesas Technology Corp 7540 Datasheet HTML 163Page - Renesas Technology Corp 7540 Datasheet HTML 164Page - Renesas Technology Corp 7540 Datasheet HTML 165Page - Renesas Technology Corp 7540 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 366 page
background image
2-86
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Fig. 2.5.29 Setting method for programmable one-shot generation mode (1)
(2) Event counter mode setting method
Figure 2.5.29 to Figure 2.5.31 show the setting method for programmable one-shot generation mode
of timer Z.
b7b0
1
b7
b0
1
0
11
b7
b0
b7b0
0
b7b0
0
Timer Z primary waveform extension control bit (Note 1)
0: Waveform not extended
1: Waveform extended
Timer Z output level latch
0: Initial state at stop: “L”, “H” interval by TZP setting value,
“L” interval by TZS setting value
1: Initial state at stop: “H”, “L” interval by TZP setting value,
“H” interval by TZS setting value
INT0 pin one-shot trigger control bit (Note 2)
0: INT0 pin one-shot trigger invalid
1: INT0 pin one-shot trigger valid
INT0 pin one-shot trigger active edge selection bit (Note 2)
0: Falling edge trigger
1: Rising edge trigger
Process 4: Set TZOUT pin to the output (Note).
Port P0 direction register (P0D) [Address 0116]
Set P02/TZOUT pin as the output mode
Note: When using this mode, be sure to select “write to latch only”.
Process 1: Disable the interrupt.
Process 2: Set timer Y, Z mode register.
Timer Y, Z mode register (TYZM) [Address 2016]
Programmable one-shot generation mode
Write to only latch (Note)
Timer Y count stop
Interrupt control register 1 (ICON1) [Address 3E16]
INT0 interrupt disabled
Process 3: Set timer Y, Z waveform output control register.
Timer Y, Z waveform output control register (PUM) [Address 2416]
Notes 1: The waveform extension function by the timer Z waveform extension control bits can be used
only when “0016” is set to prescaler Z.
When the value other than “0016” is set to prescaler Z, be sure to set “0” to EXPZP.
Also, when the timer Y underflow is selected as the timer Z count source, the waveform
extension function cannot be used.
2: Stop timer Z to change these bits.
Interrupt control register 2 (ICON2) [Address 3F16]
Timer Z interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com