Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 160Page - Renesas Technology Corp 7540 Datasheet HTML 161Page - Renesas Technology Corp 7540 Datasheet HTML 162Page - Renesas Technology Corp 7540 Datasheet HTML 163Page - Renesas Technology Corp 7540 Datasheet HTML 164Page - Renesas Technology Corp 7540 Datasheet HTML 165Page - Renesas Technology Corp 7540 Datasheet HTML 166Page - Renesas Technology Corp 7540 Datasheet HTML 167Page - Renesas Technology Corp 7540 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 366 page
background image
2-88
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.5 Timer Y and timer Z
Fig. 2.5.31 Setting method for programmable one-shot generation mode (3)
b7b0
1
Note: Pulse is output from TZOUT pin. After output, this bit is initialized to “0”.
b7b0
b7b0
0
b7b0
0
Note: When the INT0 pin one-shot trigger control bit is set to “valid”,
the INT0 interrupt can be accepted after this setting.
b7b0
1
b7b0
1
q When the INT0 pin one-shot trigger control bit of PUM is set to “valid”,
the timer Z count is started by input of trigger to the INT0 pin.
Process 9: In order not to execute the no requested interrupt processing,
set “0” (no requested) to the timer Z interrupt request bit.
Interrupt request register 2 (IREQ2) [Address 3D16]
Process 10: When the interrupt is used, set “1” (interrupt enabled)
to the corresponding interrupt enable bit.
No Timer Z interrupt request issued
Interrupt control register 1 (ICON1) [Address 3E16]
INT0 interrupt enabled (Note)
One-shot start register (ONS) [Address 2A16]
Timer Z one-shot start (Note)
Process 11: Start counting of timer Z.
Interrupt edge selection register (INTEDGE) [Address 3A16]
INT0 interrupt edge selection bit
0: Falling edge active
1: Rising edge active
Interrupt request register 1 (IREQ1) [Address 3C16]
No INT0 interrupt request issued
Interrupt control register 2 (ICON2) [Address 3F16]
Timer Y interrupt enabled
q When the INT0 pin one-shot trigger control bit of PUM is set to “valid” and
the INT0 interrupt is used, set the following;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com