Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 159Page - Renesas Technology Corp 7540 Datasheet HTML 160Page - Renesas Technology Corp 7540 Datasheet HTML 161Page - Renesas Technology Corp 7540 Datasheet HTML 162Page - Renesas Technology Corp 7540 Datasheet HTML 163Page - Renesas Technology Corp 7540 Datasheet HTML 164Page - Renesas Technology Corp 7540 Datasheet HTML 165Page - Renesas Technology Corp 7540 Datasheet HTML 166Page - Renesas Technology Corp 7540 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 366 page
background image
2-87
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
Fig. 2.5.30 Setting method for programmable one-shot generation mode (2)
Prescaler Z (PREZ) [Address 2516] (Note 2)
Process 8: Set the standby state to accept the one-shot start trigger (Note).
b7b0
0
Timer Y, Z mode register (TYZM) [Address 2016]
Timer Z count start
0
11
Process 7: Set the one-shot pulse width (Note 1).
• Set the count value to prescaler Z and timer Z primary
Count value
Count value
Timer Z primary (TZP) [Address 2716] (Note 3)
Note: When the INT0 pin one-shot trigger control bit of PUM is set to“valid”,
timer Z counting is started by the input of trigger to INT0 pin after this setting.
Notes 1: In the programmable one-shot generation mode, TZS is not used.
When the count setting value is changed, value of EXPZP is valid by
writing to TZP. Even when changing TZP is not required, write the
same value again.
2: When the timer Z waveform extension function is used, be sure to set
“0016” to prescaler Z.
3: In the programmable one-shot generation mode, when the setting
value is changed while the waveform is output, set by software in
order not to execute the writing to TZP and the timing of timer Z
underflow simultanesously.
Process 6: Set the timer Z count source.
b7
b0
Timer count source set register (TCSS) [Address 2E16]
Timer Z count source selection bits
b5 b4
0 0 : f(XIN)/16
0 1 : f(XIN)/2
1 0 : Timer Y underflow (Note)
1 1 : Not available
Process 5: When the trigger by INT0 pin input is selected:
Set port P3 direction register, pull-up control register and port P1P3 control register
Pull-up control register (PULL) [Address 1616]
P37 pull-up control bit
0: Pull-up Off
1: Pull-up On
b7b0
Port P1P3 control register (P1P3C) [Address 1716]
P37/INT0 input level selection bit
0: CMOS level
1: TTL level
b7b0
0
Port P3 direction register (P3D) [Address 0716]
Set P37/INT0 pin as the input mode
b7b0
0
Note: When the timer Z waveform extension function is used,
do not select the timer Y underflow as the timer Z count source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com