Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 165Page - Renesas Technology Corp 7540 Datasheet HTML 166Page - Renesas Technology Corp 7540 Datasheet HTML 167Page - Renesas Technology Corp 7540 Datasheet HTML 168Page - Renesas Technology Corp 7540 Datasheet HTML 169Page - Renesas Technology Corp 7540 Datasheet HTML 170Page - Renesas Technology Corp 7540 Datasheet HTML 171Page - Renesas Technology Corp 7540 Datasheet HTML 172Page - Renesas Technology Corp 7540 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 366 page
background image
2-93
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
Fig. 2.5.35 Timing diagram of programmable wait one-shot generation mode
0216
0316
0116 0016
0316
0216 0116 0016
Wait start
0316
0416
(Note 3)
(Note 3)
One-shot start bit
INT0 pin input
(Note 1)
Set to “1” by
INT0 pin input
trigger
Contents of timer Z
TZOUT pin output
Timer Z count clock
Timer Z count stop bit
Timer Z interrupt request bit
Timer Z output level latch
“0” is written
Count start
q When “0316” is set to TZP and “0416” is set to TZS.
Underflow
Timer Z
secondary
reload
Initialized to “L”
Notes 1: In this case, INT0 pin one-shot trigger valid (rising edge trigger selected).
2: In this case, timer Z primary waveform is extended, timer Z secondary waveform is not extended.
3: In this time, “0” is written to the timer Z interrupt request bit or the timer Z interrupt request bit
is cleared to “0” by accepting the timer Z interrupt request.
(Note 2)
“0” is written
“1” is written
Underflow
Timer Z
primary
reload
Count
start
Waveform extension
Waveform output end
Waveform output start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com