Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 169Page - Renesas Technology Corp 7540 Datasheet HTML 170Page - Renesas Technology Corp 7540 Datasheet HTML 171Page - Renesas Technology Corp 7540 Datasheet HTML 172Page - Renesas Technology Corp 7540 Datasheet HTML 173Page - Renesas Technology Corp 7540 Datasheet HTML 174Page - Renesas Technology Corp 7540 Datasheet HTML 175Page - Renesas Technology Corp 7540 Datasheet HTML 176Page - Renesas Technology Corp 7540 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 366 page
background image
2-97
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.5 Timer Y and timer Z
(3) Application example of programmable wait one-shot generation mode
Outline: The wait one-shot pulse synchronized with the PWM waveform output from the P01/TYOUT
pin is generated from Timer Z by using the programmable waveform generation mode of
Timer Y.
Specifications:TYOUT pin is connected to the P37/INT0 pin. The wait one-shot pulse is output by the
INT0 pin input as trigger.
Operation clock: f(XIN) = 8 MHz, high-speed mode
As for the usage of Timer Y, refer to the above mentioned programmable waveform generation mode.
Figure 2.5.39 shows an example of waveform generation and peripheral circuit. Figure 2.5.40 shows
an example of control procedure.
Fig. 2.5.39 Example of waveform generation and peripheral circuit
7540 Group
P37/INT0
P02/TZOUT
P01/TYOUT
Timer Z active
Timer Z active
Timer Z active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com