Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 174Page - Renesas Technology Corp 7540 Datasheet HTML 175Page - Renesas Technology Corp 7540 Datasheet HTML 176Page - Renesas Technology Corp 7540 Datasheet HTML 177Page - Renesas Technology Corp 7540 Datasheet HTML 178Page - Renesas Technology Corp 7540 Datasheet HTML 179Page - Renesas Technology Corp 7540 Datasheet HTML 180Page - Renesas Technology Corp 7540 Datasheet HTML 181Page - Renesas Technology Corp 7540 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 366 page
background image
2-102
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.6 Serial I/O1
Fig. 2.6.3 Structure of Serial I/O1 status register
Fig. 2.6.4 Structure of Serial I/O1 control register
Serial I/O1 status register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
1
Serial I/O1 status register (SIO1STS) [Address : 19 16]
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “1”.
✕
✕
✕
✕
✕
✕
✕
✕
Transmit buffer empty flag
(TBE)
0 : (OE)
∪ (PE) ∪ (FE) = 0
1 : (OE)
∪ (PE) ∪ (FE) = 1
Overrun error flag (OE)
0 : Buffer full
1 : Buffer empty
Receive buffer full flag (RBF)
Transmit shift register shift
completion flag (TSC)
Parity error flag (PE)
Framing error flag (FE)
Summing error flag (SE)
0 : Buffer empty
1 : Buffer full
0 : Transmit shift in progress
1 : Transmit shift completed
0 : No error
1 : Overrun error
0 : No error
1 : Parity error
0 : No error
1 : Framing error
Serial I/O1 control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
Serial I/O1 control register (SIO1CON) [Address : 1A 16]
0 : f(XIN)
1 : f(XIN)/4
BRG count source
selection bit (CSS)
0
0 : Transmit disabled
1 : Transmit enabled
0 : Receive disabled
1 : Receive enabled
Transmit interrupt
source selection bit (TIC)
Transmit enable bit (TE)
Receive enable bit (RE)
Serial I/O1 enable bit
(SIOE)
0 : Interrupt when transmit buffer
has emptied
1 : Interrupt when transmit shift
operation is completed
0: Serial I/O1 disabled
1: Serial I/O1 enabled
Serial I/O1 synchronous clock
selection bit (SCS)
When clock synchronous serial I/O
is selected;
0: BRG output divided by 4
1: External clock input
When UART is selected;
0: BRG output divided by 16
1: External clock input divided by 16
0
SRDY1 output enable bit
(SRDY)
0: P13 pin
1: SRDY1 output pin
Serial I/O1 mode selection bit
(SIOM)
0: Clock asynchronous (UART)
serial I/O
1: Clock synchronous serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com