Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 220Page - Renesas Technology Corp 7540 Datasheet HTML 221Page - Renesas Technology Corp 7540 Datasheet HTML 222Page - Renesas Technology Corp 7540 Datasheet HTML 223Page - Renesas Technology Corp 7540 Datasheet HTML 224Page - Renesas Technology Corp 7540 Datasheet HTML 225Page - Renesas Technology Corp 7540 Datasheet HTML 226Page - Renesas Technology Corp 7540 Datasheet HTML 227Page - Renesas Technology Corp 7540 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 366 page
background image
3-2
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.1 Electrical characteristics
–0.3 to 6.5 (Note 1)
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 13
–0.3 to VCC + 0.3
300 (Note 3)
–20 to 85
–40 to 125
Power source voltage
Input voltage
P00–P07, P10–P14, P20–P27, P30–P37, VREF
Input voltage RESET, XIN
Input voltage CNVSS (Note 2)
Output voltage
P00–P07, P10–P14, P20–P27, P30–P37, XOUT
Power dissipation
Operating temperature
Storage temperature
V
V
V
V
V
mW
°C
°C
VCC
VI
VI
VI
VO
Pd
Topr
Tstg
Conditions
Symbol
Ratings
Unit
Parameter
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25°C
Notes 1: This is the rating value for the Mask ROM version.
The rating value for the One Time PROM version is –0.3 to 7.0 V.
2: It is a rating only for the One Time PROM version. Connect to VSS for the mask ROM version.
3: 200 mW for the 32P6U package product.
3.1 Electrical characteristics
3.1.1 7540 Group (General purpose)
Applied to: M37540M2-XXXFP/SP/GP, M37540M4-XXXFP/SP/GP, M37540E2FP/SP/GP, M37540E8FP/SP/GP
(1) Absolute Maximum Ratings (General purpose)
Table 3.1.1
Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com