Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp 7540 Datasheet HTML 218Page - Renesas Technology Corp 7540 Datasheet HTML 219Page - Renesas Technology Corp 7540 Datasheet HTML 220Page - Renesas Technology Corp 7540 Datasheet HTML 221Page - Renesas Technology Corp 7540 Datasheet HTML 222Page - Renesas Technology Corp 7540 Datasheet HTML 223Page - Renesas Technology Corp 7540 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 366 page
background image
2-144
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.9 Reset
Fig. 2.9.11 Control procedure
Notes 1: At VCC = 5 V, the timer A count source when an on-chip oscillator
is selected as the operation clock is as follows;
About 2 MHz / 16 = about 125 kHz
2: When setting the value to timer, set in order of low-order byte
and high-order byte following.
3: 0.5 s = 1/125 kHz ✕ (F42316 + 1)
4: For the concrete time, ask the oscillator manufacture.
Modes 3, 4 (common)
N
Switch to ceramic
oscillation is required?
RESET
SEI
CLD
CLT
10 0
00
1
0
CLI
WIT instruction executed
Wait mode
Processing
Timer A interrupt processing routine
Processing
Processing
10 0
00
0
0
00 0
10
0
0
Processing
10 0
10
0
0
00
0
TAM(Address 1D16)
Count stop
Set timer A mode register
00
1
RTI
TAM(Address 1D16)
Timer mode selected
Count stop
Set timer A mode register
00
1
“2316”
“F416”
Timer A (high-order) [Address 1F16]
Set values to timer A (Notes 2, 3)
Set “0” to the timer A interrupt request bit
Timer A (low-order) [Address 1E16]
Modes 3, 4
Operation mode by ceramic oscillation
N
Y
Switch to double-speed
mode is required?
RTS
1
00
On-chip oscillator oscillation enabled
XIN oscillation (ceramic) stop
Applied from on-chip oscillator
00
1
0
Operation mode by ceramic oscillation
Mode 2
Mode 1
Mode 2
Y
Mode 2
Mode 3
Mode 4
Initialization
Set CPU mode register
CPUM(Address 3B16)
Single-chip mode
On-chip oscillator oscillation enabled
f(XIN) oscillation (ceramic) stop
Ceramic oscillation
Applied from on-chip oscillator (Note 1)
Set CPU mode register
CPUM(Address 3B16)
Set “0” to the timer A interrupt enable bit.
(Timer A interrupt disabled)
Timer A division ratio (fixed)
Timer A setting value
Wait until f(XIN) oscillation is stabilized (Note 4)
Set CPU mode register
CPUM(Address 3B16)
Double-speed mode
Set CPU mode register
CPUM(Address 3B16)
Set CPU mode register
CPUM(Address 3B16)
Set “0” to the timer A interrupt enable bit.
(Timer A interrupt disabled)
Set “0” to other interrupt enable bits.
(Other interrups disabled)
TAM(Address 1D16)
Count start
Set timer A mode register
f(XIN) oscillation (ceramic) enabled
Middle-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com