Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 212Page - Renesas Technology Corp 7540 Datasheet HTML 213Page - Renesas Technology Corp 7540 Datasheet HTML 214Page - Renesas Technology Corp 7540 Datasheet HTML 215Page - Renesas Technology Corp 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp 7540 Datasheet HTML 218Page - Renesas Technology Corp 7540 Datasheet HTML 219Page - Renesas Technology Corp 7540 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 366 page
background image
2-140
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.9 Reset
(2) Setting method
Figure 2.9.7 shows the initial setting method oscillation stop detection circuit.
Figure 2.9.8 shows the setting method for the oscillation stop detection circuit in the main processing.
Fig. 2.9.7 Initial setting method for the oscillation stop detection circuit
Process 1: Check that reset by oscillation stop detection is executed
by referring the oscillation stop detection status bit.
Process 2: Select oscillation mode.
b7
b0
MISRG (MISRG) [Address 3816]
Oscillation stop detection status bit
0: Oscillation stop not detected
1: Oscillation stop detected
* Execute the following set at the beginning of program after system is released from reset.
0
0
• Oscillation stop is detected
Some error occus in the oscillation circuit.
Do not switch the operation clock and execute the processing when some error occurs.
• Oscillation stop is not detected
Execute the Process 2.
b7b0
CPU mode register (CPUM) [Address 3B16]
Oscillation mode selection bit (Note)
0: Ceramic oscillation
1: RC oscillation
Process 3: Wait oscillation stabilizing (Note).
Note: This process can be eliminated when the RC oscillation is selected.
For the oscillation stabilizing time, ask the oscillator manufacture.
Process 4: Set the ceramic or RC oscillation stop detection function active bit.
b7
b0
Detection function active (Note)
0
01
MISRG (MISRG) [Address 3816]
Note: The bit can be rewritten only once after releasing reset. After rewriting it is disable to write
any data to the bit. However, by reset the bit is initialized and can be rewritten, again.
(It is not disable to write any data to the bit for emulator MCU “M37540RSS”).
0
00
0
0
0
0
0
1
0
00
Note: When some error occurs in the oscillation circuit, system is released from reset
after setting of Process 4 is executed.
Process 5: Select clock division ratio.
b7
b0
CPU mode register (CPUM) [Address 3B16]
Clock division ratio selection bits
b7b6
0 0: f(
φ) = f(XIN)/2 (high-speed mode)
0 1: f(
φ)= f(XIN)/8 (middle-speed mode)
1 0: Applied from on-chip oscillator
1 1: f(
φ)=f(XIN) (double-speed mode) (Note)
Note: These bits are used only when a ceramic oscillation is selected.
Do not use these when an RC oscillation is selected.
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com