Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 209Page - Renesas Technology Corp 7540 Datasheet HTML 210Page - Renesas Technology Corp 7540 Datasheet HTML 211Page - Renesas Technology Corp 7540 Datasheet HTML 212Page - Renesas Technology Corp 7540 Datasheet HTML 213Page - Renesas Technology Corp 7540 Datasheet HTML 214Page - Renesas Technology Corp 7540 Datasheet HTML 215Page - Renesas Technology Corp 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 366 page
background image
2-137
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.9 Reset
2.9.3 Application example of on-chip oscillator
The on-chip oscillator is the oscillation circuit which is equipped with the 7540 Group. External circuits can
be eliminated by using this oscillator as the operation clock or by using this oscillator with a ceramic or
RC oscillation circuit. When this oscillator is used as the operation clock, all peripheral functions can be
used. In this section, the setting method and application example are explained.
Note: The 7540 Group starts operation by the on-chip oscillator.
(1) Setting method
Figure 2.9.5 shows the setting method when the on-chip oscillator is used as the operation clock.
Fig. 2.9.5 Setting method when the on-chip oscillator is used as the operation clock
Process 1: Enable on-chip oscillator oscillation.
b7b0
CPU mode register (CPUM) [Address 3B16]
on-chip oscillatior oscillation enabled
0
0
0
Process 2: Set the operation clock to on-chip oscillator.
b7b0
Applied from on-chip oscillator
0
0
0
0
1
Process 3: When f(XIN) is not used, stop f(XIN).
b7b0
Ceramic or RC oscillation stop
0
0
0
0
1
1
CPU mode register (CPUM) [Address 3B16]
CPU mode register (CPUM) [Address 3B16]
(2) Example of control procedure
Outline: The frequency of the on-chip oscillator is measured, and an error by the power source
voltage or temperature is confirmed.
Specifications: • The f(XIN) = 4 MHz is divided by timer Z and 10 ms is detected. The on-chip
oscillator is divided by timer Y.
• The count value of timer Y is read out in the timer Z interrupt processing routine
which occurs every 10 ms, and an error from f(XIN) is confirmed.
Figure 2.9.6 shows an example of control procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com