Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 207Page - Renesas Technology Corp 7540 Datasheet HTML 208Page - Renesas Technology Corp 7540 Datasheet HTML 209Page - Renesas Technology Corp 7540 Datasheet HTML 210Page - Renesas Technology Corp 7540 Datasheet HTML 211Page - Renesas Technology Corp 7540 Datasheet HTML 212Page - Renesas Technology Corp 7540 Datasheet HTML 213Page - Renesas Technology Corp 7540 Datasheet HTML 214Page - Renesas Technology Corp 7540 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 366 page
background image
2-135
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.9 Reset
2.9 Oscillation control
This paragraph explains the registers setting method and the notes relevant to the oscillation control.
2.9.1 Memory map
Fig. 2.9.1 Memory map of registers relevant to oscillation control
2.9.2 Relevant registers
003816
003916
003B16
MISRG
Watchdog timer control register (WDTCON)
CPU mode register (CPUM)
Fig. 2.9.2 Structure of MISRG
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
MISRG [Address : 3816]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
MISRG
Oscillation stabilization time
set bit after release of the
STP instruction
0
0 : Set “0116” in timer 1, and
“FF16” in prescaler 1
automatically
1 : Not set automatically
These are reserved bits.
Do not write “1” to these bits.
0
0
(Note)
✕
✕
✕
✕
✕
0 : Oscillation stop not detected
1 : Oscillation stop detected
Ceramic or RC oscillation stop
detection function active bit
0 : Detection function inactive
1 : Detection function active
Oscillation stop detection
status bit
Note: “0” at normal reset
“1” at reset by detecting the oscillation stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com