Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 210Page - Renesas Technology Corp 7540 Datasheet HTML 211Page - Renesas Technology Corp 7540 Datasheet HTML 212Page - Renesas Technology Corp 7540 Datasheet HTML 213Page - Renesas Technology Corp 7540 Datasheet HTML 214Page - Renesas Technology Corp 7540 Datasheet HTML 215Page - Renesas Technology Corp 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp 7540 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 366 page
background image
2-138
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.9 Reset
Fig. 2.9.6 Control procedure
“F916”
“4F16”
1
Initialization
RESET
SEI
CLD
CLT
Set CPU mode register
CPUM(Address 3B16)
10 0
Single-chip mode
On-chip oscillator oscillation enabled
f(XIN) oscillation (ceramic/RC)
enabled
Ceramic oscillation
Applied from on-chip oscillator
00
0
0
00
0
0
0
00 :
φ=f(XIN)/2 (High-speed mode)
01 :
φ=f(XIN)/8 (Middle-speed mode)
10 : Applied from on-chip oscillator
(Note 2)
11 :
φ=f(XIN) (Double-speed mode)
0
0
00
1
“FF16”
“FF16”
1
00
1
0
Processing
0
0
00
0
0
0
CLI
Read prescaler Y and timer Y and
compare their complement with the setting
values of prescaler Z and timer Z
Timer Z interrupt processing routine
Processing
RTI
Set CPU mode register
CPUM(Address 3B16)
TYZM(Address 2016)
TCSS(Address 2E16)
Timer Y count source:
On-chip oscillator selected
Timer Z: f(XIN)/2 selected
Timer Y: Timer mode selected
Timer Y count stop
Timer Z: Timer mode selected
Timer Z count stop
Set timer Y, Z mode register
Set “0” to the timer Y interrupt enable bit.
(Timer Y interrupt disabled)
Set “0” to the timer Z interrupt enable bit.
(Timer Z interrupt disabled)
Prescaler Y (Address 2116)
Set value to prescaler Y, timer Y
Timer Y (Address 2316)
Set timer count source set register
Set value to prescaler Z, timer Z (Note 3)
Prescaler Z (Address 2516)
Timer Z primary (Address 2716)
Set “1” to the timer Z interrupt enable bit.
(Timer Z interrupt enabled)
Set “0” to the timer Y interrupt request bit.
Set “0” to the timer Z interrupt request bit.
TYZM(Address 2016)
Timer Y count start
Timer Z count start
Set timer Y, Z mode register
Timer Z
division
ratio
Timer Z
primary
Notes 1: For the concrete time, ask the oscillator manufacture.
2: In this example, this setting cannot be selected.
3: 10 ms = 1/4 MHz ✕ 2 ✕ (F916 + 1) ✕ (4F16 + 1)
Prescaler Z
Wait until f(XIN) oscillation is stabilized (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com