Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 214Page - Renesas Technology Corp 7540 Datasheet HTML 215Page - Renesas Technology Corp 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp 7540 Datasheet HTML 218Page - Renesas Technology Corp 7540 Datasheet HTML 219Page - Renesas Technology Corp 7540 Datasheet HTML 220Page - Renesas Technology Corp 7540 Datasheet HTML 221Page - Renesas Technology Corp 7540 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 366 page
background image
2-142
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.9 Reset
2.9.5 State transition
In the 7540 Group, the operation clock is selected from the following 4 types.
• f(XIN)/2 (high-speed mode)
• f(XIN)/8 (middle-speed mode)
• On-chip oscillator
• f(XIN) (double-speed mode) (Note 1)
Note 1: f(XIN) can be used only at the ceramic oscillation. Do not use f(XIN) at RC oscillation.
Also, in the 7540 Group, the function to stop CPU operation by software and to keep CPU wait in the
following 2-type low power dissipation.
q Stop mode with the STP instruction (Notes 2, 3, 4, 5, 6, 7)
q Wait mode with the WIT instruction (Note 8)
Notes 2: When the stop mode is used, set the oscillation stop detection function to “invalid”.
3: When the stop mode is used, set “0” (STP instruction enabled) the STP instruction disable bit
of the watchdog timer control register.
4: Timer 1 can be used to set the oscillation stabilizing time after release of the STP instruction. The
oscillation stabilizing time after release of STP instruction can be selected from “set automatically”/
“not set automaticallzy” by the oscillation stabilizing time set bit after release of the STP instruction
of MISRG. When “0” is set to this bit, “0116” is set to timer 1 and “FF16” is set to prescaler 1
automatically. When “1” is set to this bit, nothing is set to timer 1 and prescaler 1. Therefore, set
the wait time according to the oscillation stabilizing time of the oscillation. Also, when timer 1 is
used, set values again to timer 1 and prescaler 1 after system is returned from the stop mode.
5: The STP instruction cannot be used during CPU is operating by the on-chip oscillator.
6: When the stop mode is used, stop the on-chip oscillator oscillation.
7: Do not execute the STP instruction during the A/D conversion.
8: When the wait mode is used, stop the clock except the operation clock source.
Figure 2.9.9 shows the state transition.
Fig. 2.9.9 State transition
Stop modeWait mode
WIT
instruction
Oscillation stop detection circuit valid
CPUM4
←12
MISRG1
←12
Interrupt
Interrupt
STP
instruction
WIT
instruction
Interrupt
MISRG1
←02
CPUM3
←12
CPUM3
←02
CPUM76
←102
CPUM76
←002
012
112
(Note 2)
CPUM4
←02
MISRG1
←12
MISRG1
←02
Reset released
State 1
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator stop
State 2
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 3
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation enabled
On-chip oscillator enalbed
State 4
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation stop
On-chip oscillator enalbed
Notes on switch of clock
(1) In operation clock source = f(XIN), the following can be
selected for the CPU clock division ratio.
q f(XIN)/2 (high-speed mode)
q f(XIN)/8 (middle-speed mode)
q f(XIN) (double-speed mode, only at a ceramic oscillation)
(2) Execute the state transition state 3 to state 2 or
state 3’ to state 2’ after stabilizing XIN oscillation.
(3) In operation clock source = on-chip oscillator, the middle-
speed mode is selected for the CPU clock division ratio.
(4) When the state transition state 2
→ state 3 → state 4
is performed, execute the NOP instruction as shown below
according to the division ratio of CPU clock.
• CPUM76
→ 102 (State 2 → state 3)
• NOP instruction
• CPUM4
→ 12 (State 3 → state 4)
Double-speed mode at on-chip oscillator: NOP ✕ 3
High-speed mode at on-chip oscillator: NOP ✕ 1
Middle-speed mode at on-chip oscillator: NOP ✕ 0
Reset state
CPUM76
←102
CPUM76
←002
012
112
(Note 2)
State 2’
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 3’
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation enabled
On-chip oscillator enalbed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com