Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 215Page - Renesas Technology Corp 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp 7540 Datasheet HTML 218Page - Renesas Technology Corp 7540 Datasheet HTML 219Page - Renesas Technology Corp 7540 Datasheet HTML 220Page - Renesas Technology Corp 7540 Datasheet HTML 221Page - Renesas Technology Corp 7540 Datasheet HTML 222Page - Renesas Technology Corp 7540 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 366 page
background image
2-143
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.9 Reset
Fig. 2.9.10 Example of mode transition
(1) Example of control procedure
Outline: The on-chip oscillator is used, and the intermittent operation for the low-power dissipation
can be realized.
Specifications: A mode is selected from the following modes 1 to 4 according to the usage condition.
The return from mode 1 is executed by the timer A interrupt request which occurs
every 0.5 s.
Mode 1: Wait mode by the on-chip oscillator oscillation
Operation clock source: On-chip oscillator
CPU stop, ceramic oscillation stop, on-chip oscillator oscillation
Mode 2: Middle-speed mode by the on-chip oscillator oscillation
Operation clock source: On-chip oscillator
CPU operation, ceramic oscillation stop, on-chip oscillator oscillation
Mode 3: Middle-speed mode by the ceramic oscillation
Operation clock source: Ceramic oscillation
CPU operation, ceramic oscillation, on-chip oscillator oscillation
Mode 4: Double-speed mode by the ceramic oscillation
Operation clock source: Ceramic oscillation
CPU operation, ceramic oscillation, on-chip oscillator oscillation
Figure 2.9.10 shows an example of mode transition and Figure 2.9.11 shows an example of control
procedure.
Time
Mode 1
Mode 2
Mode 1
Mode 2
Mode 1
Mode 2
Mode 3
Mode 1
Mode 2
CPU operation is started
by interrupt of timer
underflow
Ceramic oscillation start
Middle-speed mode (1/8)
Mode 4
Ceramic oscillation
Double-speed mode (1/1)
Wait mode by
on-chip oscillation
• CPU stop
• TImer operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com