Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 211Page - Renesas Technology Corp 7540 Datasheet HTML 212Page - Renesas Technology Corp 7540 Datasheet HTML 213Page - Renesas Technology Corp 7540 Datasheet HTML 214Page - Renesas Technology Corp 7540 Datasheet HTML 215Page - Renesas Technology Corp 7540 Datasheet HTML 216Page - Renesas Technology Corp 7540 Datasheet HTML 217Page - Renesas Technology Corp 7540 Datasheet HTML 218Page - Renesas Technology Corp 7540 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 366 page
background image
2-139
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.9 Reset
2.9.4 Oscillation stop detection circuit
The oscillation stop detection circuit can be used to detect the stop by some failure or disconnection of
an external ceramic oscillation circuit.
In this section, the setting method and application example.
(1) Operation description
When the stop of an external oscillation circuit is detected by the oscillation stop detection circuit,
the oscillation stop detection status bit of MISRG is set to “1” and the internal reset occurs.
The 7540 Group starts operation by the on-chip oscillator after system is released from reset.
Accordingly, error of the external oscillation circuit can be detected by checking the oscillation stop
detection status bit after system starts operation.
Notes 1: When the stop mode is used, set the oscillation stop detection function to “invalid”.
2: When f(XIN) oscillation is stopped, set the oscillation stop detection function to “invalid”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com