Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 204Page - Renesas Technology Corp 7540 Datasheet HTML 205Page - Renesas Technology Corp 7540 Datasheet HTML 206Page - Renesas Technology Corp 7540 Datasheet HTML 207Page - Renesas Technology Corp 7540 Datasheet HTML 208Page - Renesas Technology Corp 7540 Datasheet HTML 209Page - Renesas Technology Corp 7540 Datasheet HTML 210Page - Renesas Technology Corp 7540 Datasheet HTML 211Page - Renesas Technology Corp 7540 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 366 page
background image
2-132
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.8 A/D converter
2.8.3 A/D converter application examples
(1) Setting of A/D converter
Figure 2.8.7 shows the relevant registers setting.
Fig. 2.8.7 Relevant registers setting
Process 2: Set A/D control register.
b7b0
A/D control register (ADCON) [Address 3416]
Analog input pins selected
b2b1b0
0 0 0: P20/AN0
0 0 1: P21/AN1
0 1 0: P22/AN2
0 1 1: P23/AN3
1 0 0: P24/AN4
1 0 1: P25/AN5
1 1 0: P26/AN6 (Note)
1 1 1: P27/AN7 (Note)
b7b0
0
b7b0
Interrupt control register 2 (ICON2) [Address 3F16]
0
Note: These can be used only for 36-pin version.
b7b0
1
b7b0
0
A/D conversion interrupt disabled
Process 1: Disable A/D conversion interrupt.
Process 3: In order not to execute the no requested interrupt processing, set “0” (no requested)
to the A/D conversion interrupt request bit.
Interrupt request register 2 (IREQ2) [Address 3D16]
No A/D conversion interrupt request issued
A/D control register (ADCON) [Address 3416]
Start A/D conversion
A/D conversion interrupt enabled
Interrupt control register 2 (ICON2) [Address 3F16]
Process 4: When the interrupt is used, set “1” (interrupt enabled) to
the A/D conversion interrupt enable bit.
Process 5: Start A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com